Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3CSW12ZUAEX Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PI3CSW12ZUAEX
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12ZUAEX Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PI3CSW12ZUAEX Datasheet HTML 4Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 5Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 6Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 7Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 8Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 9Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 10Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 11Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
A Product Line of
Diodes Incorporated
PI3CSW12
50%
50%
50%
50%
50%
50%
50%
50%
50%
SK(P)
SK(P)
= t
t
SK(P)
PHL
PLH
|
–
|
t
= t
t
SK(O)
PLH1
PLH2
|
–
| or |
–
|
t
t
PHL1
PHL2
Input
Input
Output
V
OL
V
OL
V
OL
V
OH
V
OH
V
OH
t
PLH
t
SK(O)
t
SK(O)
t
PHL2
t
PLH2
t
PLH1
t
PHL1
t
PHL
VDD
IIN
ron
VIN VOUT2 or VOUT1
IIN
GND
Channel ON
1D
VCTRL
2D
D
VIN
VCTRL = VIH or VIL
VOUT2
VOUT1
+
+
S
Figure 7. Skew Test
Figure 8. ON-State Resistance (ron)
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com