Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3CSW12ZUAEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3CSW12ZUAEX
Description  High-Speed I3C 1:2 Multiplexer/DeMultiplexer Switch with Signal Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3CSW12ZUAEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3CSW12ZUAEX Datasheet HTML 1Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 2Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 3Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 4Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 5Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 6Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 7Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 8Page - Diodes Incorporated PI3CSW12ZUAEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.diodes.com
March 2021
Diodes Incorporated
PI3CSW12
Document Number DS42881 Rev 4-2
A Product Line of
Diodes Incorporated
PI3CSW12
VDD Supply Voltage Range ................................................. –0.5V to 4.6V
VIN Control Input Voltage Range(2, 3)................................... –0.5V to 5.5V
VI/O Switch I/O Voltage Range(2, 3, 4).................................... –0.5V to 5.5V
IIK Control Input Clamp Current (VIN < 0).................................... –50mA
II/OK I/O Port Clamp Current (VI/O < 0)......................................... –50mA
II/O ON-state Switch Current(5) ..................................................... ±120mA
Continuous Current through VDD or GND................................... ±100mA
θJA Package Thermal Impedance
TLLGA Package ..............................................................48.7°C/W
TDFN Package ................................................................. 243°C/W
Tstg Storage Temperature Range ............................................–65 to 150°C
Tj Junction Temperature ...................................................................125°C
Notes:
1. Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2. All voltages are with respect to ground, unless otherwise specified.
3. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
4. VI and VO are used to denote specific conditions for VI/O.
5. II and IO are used to denote specific conditions for II/O.
6. The package thermal impedance is calculated in accordance with JESD 51-7.
Absolute Maximum Ratings(1)
Over operating free-air temperature range (unless otherwise noted)
Recommended Operating Conditions(1)
Symbol
Description
Parameter
Min.
Max.
Unit
VDD
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VDD = 2.3V to 2.7V
1.3
-
VDD = 2.7V to 3.6V
1.4
-
VIL
Low-level control input voltage
VDD = 2.3V to 2.7V
0.6
VDD = 2.7V to 3.6V
0.6
VI/O
Data input/output voltage
0
4.6
TA
Operating free-air temperature
–40
85
°C
Note:
1. All unused control inputs of the device must be held at VDD or GND to ensure proper device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com