Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5807C Datasheet(PDF) 38 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 34Page - Microchip Technology USB5807C Datasheet HTML 35Page - Microchip Technology USB5807C Datasheet HTML 36Page - Microchip Technology USB5807C Datasheet HTML 37Page - Microchip Technology USB5807C Datasheet HTML 38Page - Microchip Technology USB5807C Datasheet HTML 39Page - Microchip Technology USB5807C Datasheet HTML 40Page - Microchip Technology USB5807C Datasheet HTML 41Page - Microchip Technology USB5807C Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
USB5807C
DS00003182B-page 38
2019 - 2021 Microchip Technology Inc.
8.8.2.2
Link Timeout Reset
Port Splitting is intended for use with embedded USB 3.x devices only. When Port Splitting is enabled, the hub constantly
monitors the USB 3.2 Gen 1 Link to see if a valid USB 3.2 Gen 1 Link is established. If there is no valid USB 3.2 Gen 1
Link for a configured amount of time (see below), then the hub will toggle assertion of the associated “
PRTPWRx-
_USB3_SPLIT” pin in an attempt to reset the embedded USB 3.2 Gen 1 device and re-establish the USB 3.2 Gen 1 Link.
The timer is always reset and restarted whenever the timeout occurs.
A valid USB 3.2 Gen 1 link is qualified by the LTSSM_STATE register status for the port. A normal Link will actively
switch through many Link states.
If the hub detects that the Link is staying in one of the following Link states the entire duration of the timeout timer, then
the Link is stuck in an invalid state and
PRTPWRx_USB3_SPLIT will be toggled in order to attempt to re-establish the
Link.
• SIS.Disabled(0x4)
• Rx.Detect(0x5)
• SS.Inactive(0x6)
• Polling(0x7)
• Recovery(0x8)
• HotReset (0x9)
The Link Timeout Reset value is configured via register 0x4171 and can be overridden by OTP. The default value is
0x05, which selects a Timeout value of 1 second. Setting the register to 0x00 will disable the Link Timeout Reset feature.
The duration of the Link reset (time which
PRTPWRx_USB3_SPLIT signal stays low) can be configured in register
0x4176. The default duration is 400ms with a configurable range of 350ms to 2.9s.
TABLE 8-7:
GLOBAL PORT SPLIT ENABLE REGISTER
PORTSPLITENABLEFLAG
(0x4141 - RESET = 0x00)
Global Port Split Enable
BIT
Name
R/W
Description
7:1
Reserved
R
Reserved
0
GLOBAL_PORT_SPLIT_EN
R/W
0 = Port Split feature global disable
1 = Port Split feature global enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com