Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5807C Datasheet(PDF) 42 Page - Microchip Technology

Part # USB5807C
Description  7-Port USB 3.2 Gen 1 SmartHubTM IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5807C Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB5807C Datasheet HTML 38Page - Microchip Technology USB5807C Datasheet HTML 39Page - Microchip Technology USB5807C Datasheet HTML 40Page - Microchip Technology USB5807C Datasheet HTML 41Page - Microchip Technology USB5807C Datasheet HTML 42Page - Microchip Technology USB5807C Datasheet HTML 43Page - Microchip Technology USB5807C Datasheet HTML 44Page - Microchip Technology USB5807C Datasheet HTML 45Page - Microchip Technology USB5807C Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
USB5807C
DS00003182B-page 42
2019 - 2021 Microchip Technology Inc.
10.4 Power Consumption
The values shown below represent typical power consumption as measured during various modes of operation. Power
dissipation is determined by temperature, supply voltage, and external source/sink requirements.
The following measurements were taken with
VDD33 equal to 3.3V, VDD12 equal to 1.2V, at an ambient temperature
of 25
°C.
Note:
Actual power consumption will vary depending on the capabilities of the USB host, the devices connected,
data type, and data bus utilization. The published data represents typical power consumption of the hub at
nominal ambient temperature and supply voltage while large file transfers are active between USB host and
USB Mass Storage class devices on all downstream ports.
Typical power consumption for specific use cases can be estimated using the formulas below:
IVDD33(mA) = 35 + (NPORTSFS)(1)* +(NPORTSHS)(10) + (NPORTSSS)(7)
IVDD12(mA) = 245+ (NPORTSFS)(0.1)* +(NPORTSHS)(2) + (NPORTSSS)(109)
PTOTAL(mW) = 409.5+ (NPORTSFS)(3.42)* +(NPORTSHS)(35.4) + (NPORTSSS)(153.9)
10.5 DC Specifications
Note:
A USB 3.x hub operates both the USB 3.x and USB 2.0 interfaces in parallel on it’s upstream port connec-
tion. A port operating under the SS/HS condition indicates that a USB 3.x hub was connected to it.
TABLE 10-3: DEVICE POWER CONSUMPTION
Typical (mA)
Typical Power
VDD33
VDD12
(mW)
Reset
1.0
10.5
16
No VBUS
4.0
8.0
23
Global Suspend
4.0
8.0
23
7 FS Ports
42
246
433
7 HS Ports
105
259
657
7 SS Ports
84
1,008
1,487
7 SS/HS Ports
154
1,022
1,735
TABLE 10-4: I/O DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typical
Max
Units
Notes
I Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
2.1
0.9
V
V
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
(VIHT - VILT)
VIL
VIH
VHYS
1.9
9
20
0.9
40
V
V
mV
O6 Type Output Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33-0.4
0.4
V
V
IOL = 6 mA
IOH = -6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com