Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12NF06LT4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD12NF06LT4
Description  N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06LT4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD12NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 9Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 10Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 11Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 12Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 13Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Table 7. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b
0.64
0.90
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
D1
4.95
5.10
5.25
E
6.40
6.60
E1
4.60
4.70
4.80
e
2.159
2.286
2.413
e1
4.445
4.572
4.699
H
9.35
10.10
L
1.00
1.50
(L1)
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R
0.20
V2
0°
8°
STD12NF06LT4
DPAK (TO-252) type A package information
DS10434 - Rev 3
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com