Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12NF06LT4 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STD12NF06LT4
Description  N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06LT4 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STD12NF06LT4 Datasheet HTML 11Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 12Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 13Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 14Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 15Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 16Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 17Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 18Page - STMicroelectronics STD12NF06LT4 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Figure 23. DPAK (TO-252) reel outline
A
D
B
Full radius
Tape slot
in core for
tape start
2.5mm min.width
G measured
at hub
C
N
40mm min.
access hole
at slot location
T
AM06038v1
Table 10. DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E
1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R
40
T
0.25
0.35
W
15.7
16.3
STD12NF06LT4
DPAK (TO-252) packing information
DS10434 - Rev 3
page 16/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com