Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD31 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD31
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD31 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD31 Datasheet HTML 1Page - NXP Semiconductors BYD31 Datasheet HTML 2Page - NXP Semiconductors BYD31 Datasheet HTML 3Page - NXP Semiconductors BYD31 Datasheet HTML 4Page - NXP Semiconductors BYD31 Datasheet HTML 5Page - NXP Semiconductors BYD31 Datasheet HTML 6Page - NXP Semiconductors BYD31 Datasheet HTML 7Page - NXP Semiconductors BYD31 Datasheet HTML 8Page - NXP Semiconductors BYD31 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 Sep 18
2
Not recommended for new designs
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD31 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
™(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD91) and symbol.
MAM196
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD31D
−
200
V
BYD31G
−
400
V
BYD31J
−
600
V
BYD31K
−
800
V
BYD31M
−
1000
V
VR
continuous reverse voltage
BYD31D
−
200
V
BYD31G
−
400
V
BYD31J
−
600
V
BYD31K
−
800
V
BYD31M
−
1000
V
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
see Fig.2; averaged over any
20 ms period;
see also Fig.6
−
440
mA
Tamb =60 °C; PCB mounting (see
Fig.11); see Fig.3;
averaged over any 20 ms period;
see also Fig.6
−
320
mA
IFRM
repetitive peak forward current
Ttp =55 °C; see Fig.4
−
4A
Tamb =60 °C; see Fig.5
−
3A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
5A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com