Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD31 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYD31
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD31 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYD31 Datasheet HTML 1Page - NXP Semiconductors BYD31 Datasheet HTML 2Page - NXP Semiconductors BYD31 Datasheet HTML 3Page - NXP Semiconductors BYD31 Datasheet HTML 4Page - NXP Semiconductors BYD31 Datasheet HTML 5Page - NXP Semiconductors BYD31 Datasheet HTML 6Page - NXP Semiconductors BYD31 Datasheet HTML 7Page - NXP Semiconductors BYD31 Datasheet HTML 8Page - NXP Semiconductors BYD31 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1996 Sep 18
3
Not recommended for new designs
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD31 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
PRSM
non-repetitive peak reverse power
dissipation
t=20
µs half sine wave; Tj =Tj max
prior to surge
BYD31D to J
−
100
W
BYD31K and M
−
50
W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.7
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 0.5 A; Tj =Tj max;
see Fig.8
−−
1.15
V
IF = 0.5 A;
see Fig.8
−−
1.35
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYD31D
300
−−
V
BYD31G
500
−−
V
BYD31J
700
−−
V
BYD31K
900
−−
V
BYD31M
1100
−−
V
IR
reverse current
VR =VRRMmax;
see Fig.9
−−
1
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.9
−−
75
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25A
see Fig.12
BYD31D to J
−−
250
ns
BYD31K and M
−−
300
ns
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Fig.10
−
9
−
pF
maximum slope of reverse recovery
current
when switched from
IF = 1 A to VR ≥ 30 V
and dIF/dt = −1A/µs;
see Fig.13
BYD31D to J
−−
6A/
µs
BYD31K and M
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
dI
R
dt
--------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com