Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2AP02 Datasheet(PDF) 37 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 37 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 33Page - Schneider Electric GV2AP02 Datasheet HTML 34Page - Schneider Electric GV2AP02 Datasheet HTML 35Page - Schneider Electric GV2AP02 Datasheet HTML 36Page - Schneider Electric GV2AP02 Datasheet HTML 37Page - Schneider Electric GV2AP02 Datasheet HTML 38Page - Schneider Electric GV2AP02 Datasheet HTML 39Page - Schneider Electric GV2AP02 Datasheet HTML 40Page - Schneider Electric GV2AP02 Datasheet HTML 41Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
36
Modbus TCP network and EtherNet/IP network (1) (5)
Description
Item
no.
Length
m/ft (3)
Reference
Weight
kg/lb
Communication module
Modbus TCP and EtherNet/IP
network module
For connection to the Modbus TCP
network or EtherNet/IP network
Ports: 2 RJ45 connectors
b
10/100 Mbps, half duplex and
full duplex
b
Embedded web server
Requires cordsets
490NTW000pp/ppU or
490NTC000pp/ppU
2
–
VW3A3616
0.300/
0.661
ConneXium cordsets (2) (3)
Straight shielded twisted pair
cordsets
equipped with 2 RJ45 connectors
Conforming to EIA/TIA-568 category 5
and IEC 11801/EN 50173-1, class D
standards
3
2.0/
6.56
490NTW00002
–
5.0/
16.40
490NTW00005
–
12/
39.37
490NTW00012
–
Crossed shielded twisted pair
cordsets
equipped with 2 RJ45 connectors
Conforming to EIA/TIA-568 category 5
and IEC 11801/EN 50173-1, class D
standards
4
5.0/
16.40
490NTC00005
–
15/
49.21
490NTC00015
–
Straight shielded twisted pair cables
equipped with 2 RJ45 connectors
Conforming to UL and CSA 22.1
standards
3
2.0/
6.56
490NTW00002U
–
5.0/
16.40
490NTW00005U
–
12/
39.37
490NTW00012U
–
Crossed shielded twisted pair
cordsets
equipped with 2 RJ45 connectors
Conforming to UL and CSA 22.1
standards
3
5.0/
16.40
490NTC00005U
–
15/
49.21
490NTC00015U
–
(1) The Altivar Machine ATV320 drive can only take one communication module.
(2) For other ConneXium connection accessories, please refer to our website
www.schneider-electric.com.
(3) Also available in 40 m/131.23 ft and 80 m/262.46 ft lengths (2).
(4) Please refer to the “M221/M241/M251 Automation platform” catalog.
(5) Altivar Machine ATV320 products with a compact control block require the
VW3A3600
option module adapter (item
1) in order to use any communication option modules.
References (continued)
Variable speed drives
Altivar machine ATV320
Communication buses and networks
Presentation:
page 34
Functions:
page 35
VW3A3616
Modicon M221(4)
ATV320 Compact + VW3A3600 + VW3A3616 module
Web
browser
SoMove
software
1
1
1
2
2
2
3
3
3 or 4
Example of connection on an EtherNet/IP network
ATV320 Book + VW3A3616 module
Modicon M251(4)
Web
browser
SoMove
software
2
2
2
3
3
3
3 or 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com