Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2AP02 Datasheet(PDF) 9 Page - Schneider Electric

Part # GV2AP02
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2AP02 Datasheet(HTML) 9 Page - Schneider Electric

Back Button GV2AP02 Datasheet HTML 5Page - Schneider Electric GV2AP02 Datasheet HTML 6Page - Schneider Electric GV2AP02 Datasheet HTML 7Page - Schneider Electric GV2AP02 Datasheet HTML 8Page - Schneider Electric GV2AP02 Datasheet HTML 9Page - Schneider Electric GV2AP02 Datasheet HTML 10Page - Schneider Electric GV2AP02 Datasheet HTML 11Page - Schneider Electric GV2AP02 Datasheet HTML 12Page - Schneider Electric GV2AP02 Datasheet HTML 13Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
8
Presentation (continued)
Variable speed drives
Altivar Machine ATV320
Integrated safety functions (1)
Altivar Machine ATV320 drives include 5 safety functions:
b
STO: Safe Torque Off (2)
b
SLS: Safely Limited Speed
b
SS1: Safe Stop 1
b
SMS: Safe Maximum Speed
b
GDL: Guard Door Lock
These functions are certified in accordance with IEC61508 Ed.2 "Functional safety
of electrical/electronic/programmable electronic safety-related".
These integrated functions make it possible to:
b
Simplify setup of machines that require a complex safety related device
b
Improve performance during maintenance by reducing machine or installation
downtime
Note: Some applications may require the addition of external Preventa safety modules (2).
Safe Torque Off (STO) safety function (1)
This function brings the machine safely into a no-torque state and/or prevents it from
starting accidentally.
Safely Limited Speed (SLS) safety function (1)
The SLS integrated safety function can be initiated by activation of safety function
inputs. This function prevents the motor from exceeding the specified speed limit. If
the motor speed exceeds the specified speed limit value, safety function STO is
triggered.
Safe Stop 1 (SS1) safety function (1)
The SS1 integrated safety function causes a category 1 safe stop.
This function monitors the deceleration according to a dedicated deceleration ramp
and safely shuts off the torque once standstill has been achieved.
Safe Maximum Speed (SMS) safety function (1)
This function prevents the speed of the motor from exceeding the pre-defined speed
limit.
b
2 different speed limits can be defined and can be selected by logic inputs.
b
If the motor speed exceeds the pre-defined speed limit value, safety function
STO is triggered.
Once the SMS function is configured, it is continuously active.
Guard Door Locking (GDL) safety function (1)
This function allows you to release the guard door lock after specified delay when
the motor power is turned off. The specified delay is choosen according to the type
of stop.
The front door of the machine can be opened only after the motor is stopped, this
function helps to ensure the safety of the machine operator.
Setting up the integrated safety functions (1)
Setting up the integrated safety functions in the Altivar Machine ATV320 drive does
not require any options or additional accessories.
The functions are connected directly to the drive’s digital inputs and can only be
configured using SoMove setup software.
For more information, please refer to the SoMove catalog available on our website
www.schneider-electric.com.
(1) Please refer to the “ATV320 Safety Functions Manual” available on our website
www.schneider-electric.com.
(2) Please refer to our web site http://www.schneider-electric.com/machinesafety.
f (Hz)
t (s)
0
Nominal
frequency
Freewheel stop
STO activation
(zero torque)
Activation of the STO safety function
f (Hz)
t (s)
0
Nominal
frequency
Safe stop
according to a
predefined ramp
SS1
activation
STO activation
(zero torque)
Activation of the SS1 safety function
f (Hz)
t (s)
0
Nominal
frequency
Holding at a
predefined frequency
SLS
activation
Freewheel
stop
STO activation
(zero torque) if
the predefined
frequency is
exceeded
Predefined
frequency
f max.
Activation of the SLS safety function
References:
page 12
f (Hz)
t (s)
0
Nominal
frequency
SS1
activation
GDL activation
(short delay)
Activation of the GDL safety function (example of stop
type SS1)
Short
delay
Activation of the SMS safety function
f (Hz)
t (s)
0
SMLH
Error and
STO function
activated
SMS
activation
SMLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com