Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2G445 Datasheet(PDF) 8 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 8 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 4Page - Schneider Electric GV2G445 Datasheet HTML 5Page - Schneider Electric GV2G445 Datasheet HTML 6Page - Schneider Electric GV2G445 Datasheet HTML 7Page - Schneider Electric GV2G445 Datasheet HTML 8Page - Schneider Electric GV2G445 Datasheet HTML 9Page - Schneider Electric GV2G445 Datasheet HTML 10Page - Schneider Electric GV2G445 Datasheet HTML 11Page - Schneider Electric GV2G445 Datasheet HTML 12Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
7
References:
page 12
Variable speed drives
Altivar Machine ATV320
Presentation (continued)
Innovative functions (1)
Safety functions
The Altivar Machine ATV320 range of variable speed drives provides integrated
safety functions (according to standard IEC 61508) comparable with performance
level “e” (PL e) according to standard ISO/EN 13849-1-2.
The Altivar Machine ATV320 drive software includes 5 safety functions that help
machines meet safety requirements, whether or not they are used in conjunction
with a Preventa safety module (2):
b
STO: Safe Torque Off
b
SLS: Safely Limited Speed
b
SS1: Safe Stop 1
b
SMS: Safe Maximum Speed
b
GDL: Guard Door Locking
These safety functions are configured using SoMove configuration software.
For more information, please refer to the SoMove catalog available on our website
www.schneider-electric.com.
Note: To set up the safety functions, please refer to the “Altivar Machine ATV320 Safety
Functions Manual” available on our website www.schneider-electric.com.
ATV Logic
ATV Logic is used to adapt Altivar Machine ATV320 variable speed drives to specific
applications by means of customizable integrated control system functions.
The integrated control system functions featuring ATV Logic can be used to perform
simple operations without adding further devices, which reduces costs.
ATV Logic is programmed via the SoMove configuration software (refer to the
SoMove catalog available on our website www.schneider-electric.com) and provides
access to the following functions:
b
Arithmetical operations, Boolean operators, counters, timers, etc.
b
Programming of up to 50 functions by an automated sequence
b
Access to the drive’s internal variables
Functions dedicated to synchronous motors
Altivar Machine ATV320 variable speed drives integrate new functions for
synchronous motors that are suitable for the majority of commercially-available
motors.
b
Simplified setting due to the reduced number of configuration parameters
(4 maximum)
b
Autotuning of the drive/motor combination
b
High-frequency injection for high performance in open loop mode
Application functions
Altivar Machine ATV320 variable speed drives feature 150 functions, including:
b
Configurations: standard or customizable
b
Application-specific functions for material handling, textiles, hoisting, mechanical
actuators
b
Adjustable switching frequency (adjusted motor current, reduced motor noise)
b
Adjustable monitoring function to create “My Menu” function to obtain user-
specific monitoring
b
Ability to upload/download drive configurations with the power off
Examples of use (functions/applications)
Functions
Applications
Handling
Conveying
Packing
Woodworking
machinery
Metal
processing
Integrated safety functions
Communication buses and networks
Fast response time
Control profile for synchronous motors
Application-specific functions
Typical use
Not applicable
(1) Non-exhaustive list; please consult our website www.schneider-electric.com.
(2) Please refer to our web site http://www.schneider-electric.com/machinesafety
Example of an application requiring the use
of safety functions
Example of an application (scrolling billboard) requiring a typical
ATV Logic sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com