Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2G445 Datasheet(PDF) 13 Page - Schneider Electric

Part # GV2G445
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2G445 Datasheet(HTML) 13 Page - Schneider Electric

Back Button GV2G445 Datasheet HTML 9Page - Schneider Electric GV2G445 Datasheet HTML 10Page - Schneider Electric GV2G445 Datasheet HTML 11Page - Schneider Electric GV2G445 Datasheet HTML 12Page - Schneider Electric GV2G445 Datasheet HTML 13Page - Schneider Electric GV2G445 Datasheet HTML 14Page - Schneider Electric GV2G445 Datasheet HTML 15Page - Schneider Electric GV2G445 Datasheet HTML 16Page - Schneider Electric GV2G445 Datasheet HTML 17Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
12
References
Variable speed drives
Altivar Machine ATV320
Drives with compact control block
ATV320U11M2C...U22M2C
ATV320U04N4C...U15N4C
ATV320U22N4C…
ATV320U40N4C
ATV320U55M3C
ATV320U15S6C
ATV320U07S6C
ATV320U02M2C...U07M2C
Drives with compact control block
Motor
Line supply
Altivar Machine ATV320
Power
indicated on
rating plate (1)
Max. line
current
(2) (3)
Apparent
power
Max.
prospec-
tive line
Isc (4)
Max.
continuous
output
current
(In) (1)
Max.
transient
current
for 60s
Power
dissipated at
maximum
output current
(In) (1)
Reference
(1)
Weight
at U1
at U2
at U2
kW
HP
A
A
kVA
kA
A
A
kg/
lb
Single-phase supply voltage: 200…240 V 50/60 Hz, with integrated EMC filter (3) (5) (6)
0.18
0.25
3.4
2.8
0.7
1
1.5
2.3
21.7
ATV320U02M2C
0.800/
1.278
0.37
0.5
5.9
4.9
1.2
1
3.3
5
32.2
ATV320U04M2C
1.000/
2.204
0.55
0.75
7.9
6.6
1.6
1
3.7
5.6
41.7
ATV320U06M2C
1.100/
2.425
0.75
1
10
8.4
2
1
4.8
7.2
48.3
ATV320U07M2C
1.1
1.5
13.8
11.6
2.8
1
6.9
10.4
65.6
ATV320U11M2C
1.600/
3.527
1.5
2
17.8
14.9
3.6
1
8
12
82.4
ATV320U15M2C
2.2
3
24
20.2
4.8
1
11
16.5
109.6
ATV320U22M2C
Three-phase supply voltage: 200…240 V 50/60 Hz, without integrated EMC filter (3)
0.18
0.25
2
1.7
0.7
5
1.5
2.3
21
ATV320U02M3C
0.800/
1.278
0.37
0.5
3.6
3
1.2
5
3.3
5
34
ATV320U04M3C
0.900/
1.984
0.55
0.75
4.9
4.2
1.7
5
3.7
5.6
40
ATV320U06M3C
1.000/
2.204
0.75
1
6.3
5.3
2.2
5
4.8
7.2
49
ATV320U07M3C
1.1
1.5
8.6
7.2
3
5
6.9
10.4
66
ATV320U11M3C
1.400/
3.086
1.5
2
11.1
9.3
3.9
5
8
12
69
ATV320U15M3C
2.2
3
14.9
12.5
5.2
5
11
16.5
92
ATV320U22M3C
3
4
19
15.9
6.6
5
13.7
20.6
109
ATV320U30M3C
2.200/
4.850
4
5
23.8
19.9
8.3
5
17.5
26.3
141
ATV320U40M3C
5.5
7.5
35.4
29.8
12.4
22
27.5
41.3
261
ATV320U55M3C
3.500/
7.716
7.5
10
45.3
38.2
15.9
22
33
49.5
324
ATV320U75M3C
3.600/
7.937
11
15
60.9
51.4
21.4
22
54
81
528
ATV320D11M3C
6.800/
14.991
15
20
79.7
67.1
27.9
22
66.
99
545
ATV320D15M3C
6.900/
15.212
Three-phase supply voltage: 380…500 V 50/60 Hz, with integrated EMC filter (3) (5) (6)
0.37
0.5
2.1
1.6
1.4
5
1.5
2.3
28
ATV320U04N4C
1.200/
2.646
0.55
0.75
2.8
2.2
1.9
5
1.9
2.9
33
ATV320U06N4C
0.75
1
3.6
2.8
2.4
5
2.3
3.5
38
ATV320U07N4C
1.1
1.5
5
3.8
3.3
5
3
4.5
47
ATV320U11N4C
1.300/
2.866
1.5
2
6.4
4.9
4.2
5
4.1
6.2
61
ATV320U15N4C
2.2
3
8.7
6.6
5.7
5
5.5
8.3
76
ATV320U22N4C
2.100/
4.630
3
4
11.1
8.4
7.3
5
7.1
10.7
94
ATV320U30N4C
4
5
13.7
10.6
9.2
5
9.5
14.3
112
ATV320U40N4C
2.200/
4.850
Three-phase supply voltage: 525…600 V 50/60 Hz, without integrated EMC filter (3) (7)
0.75
1
1.5
1.4
1.5
5
1.7
2.6
31
ATV320U07S6C
1.300/
2.866
1.5
2
2.6
2.4
2.5
5
2.7
4.1
40
ATV320U15S6C
2.2
3
3.7
3.2
3.4
5
3.9
5.9
50
ATV320U22S6C
2.000/
4.409
4
5
6.5
5.8
6.0
5
6.1
9.2
72
ATV320U40S6C
2.500/
5.511
5.5
7.5
8.4
7.5
7.8
22
9.0
13.5
114
ATV320U55S6C
3.500/
7.716
7.5
10
11.6
10.5
10.9
22
11.0
16.5
136
ATV320U75S6C
11
15
15.8
14.1
14.7
22
17.0
25.5
197
ATV320D11S6C
6.500/
14.330
15
20
22.1
20.1
20.9
22
22.0
33.0
228
ATV320D15S6C
(1) These values are given for a nominal switching frequency of 4 kHz, for use in continuous operation. The switching frequency is
adjustable from 2 to16 kHz. Above 4 kHz, derate the nominal drive current. The nominal motor current should not exceed this
value (see derating curves).
(2) Typical value for a 4-pole motor and a maximum switching frequency of 4 kHz, with no line choke for max. prospective line Isc (4).
(3) Nominal supply voltage, min. U1, max. U2: 200 (U1)…240 V (U2), 380 (U1)…500 V (U2).
(4) If line Isc is greater than the values in the table, add line chokes.
(5) Drives supplied with category C2 integrated EMC filter. This filter can be disconnected.
(6) Drives are supplied with an EMC plate, for assembly by the customer.
(7) A line choke is mandatory with ATV320pppS6C drives. To be ordered separately, see page 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com