Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8711 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
10
Test Conditions
AVDD, HPVDD, DBVDD = 1.8V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC channel separation
1kHz, 0dB signal
100
dB
Analogue Line Input to Line Output (Load = 10k
Ω
Ω
Ω
Ω. 50pF, No Gain on Input ) Bypass Mode
0dB Full scale output voltage
1.0 x
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,2)
SNR
90
101
dB
Total Harmonic Distortion
THD
1kHz, 0dB
-93
-85
dB
Stereo Headphone Output
0dB Full scale output voltage
1.0 x
AVDD/3.3
Vrms
RL = 32
Ω
9
Max Output Power
PO
RL = 16
Ω
18
mW
Signal to Noise Ratio
(Note 1,2)
SNR
A-weighted
80
86
dB
Total Harmonic Distortion
THD
1kHz, RL = 32
Ω @ PO =
5mW rms
0.18
-55
%
dB
1kHz 100mVpp
50
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVpp
45
dB
Programmable Gain
1kHz
-73
6
6
dB
Programmable Gain Step Size
1kHz
1
dB
Mute attenuation
1kHz, 0dB
80
dB
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal. Normally
a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g.
THD+N @ -60dB= -32dB, DR= 92dB).
3.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
4.
Stop band attenuation (dB) - Is the degree to which the frequency spectrum is attenuated (outside audio band).
5.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.
6.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com