Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8711 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
30
AUDIO DATA SAMPLING RATES
The WM8711/L provides for two modes of operation (normal and USB) to generate the required DAC
sampling rates. Normal and USB modes are programmed under software control according to the
table below.
In Normal mode, the user controls the sample rate by using an appropriate MCLK frequency and the
sample rate control register setting. The WM8711/L can support sample rates from 8ks/s up to
96ks/s.
In USB mode, the user must use a fixed MLCK frequency of 12MHz to generate sample rates from
8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus) clock is at
12MHz and the WM8711/L can be directly used within such systems. WM8711/L can generate all the
normal audio sample rates from this one Master Clock frequency, removing the need for different
master clocks or PLL circuits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
96/88.2 kHz
0 = 256fs
0 = 128fs
1 = 384fs
1 = 192fs
0001000
Sampling
Control
5:2
SR[3:0]
0000
DAC sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
Table 11 Sample Rate Control
NORMAL MODE SAMPLE RATES
In normal mode MCLK is set up according to the desired sample rates of the DAC. For DAC sampling
rates of 8, 32, 48 or 96kHz, MCLK frequencies of either 12.288MHz (256fs) or 18.432MHz (384fs)
can be used. DAC sampling rates of 8, 44.1 or 88.2kHz from MCLK frequencies of either
11.2896MHz (256fs) or 16.9344MHz (384fs) can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com