Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8734 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
38
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
0 = 256fs
1 = 384fs
5:2
SR[3:0]
0000
ADC and DAC sample rate control
0001000
Sampling
Control
6
CLKIDIV2
0
Core Clock divider select
1 = Core Clock is MCLK divided by 2
0 = Core Clock is MCLK
0001001
Active Control
0
ACTIVE
0
Activate Interface
1 = Active
0 = Inactive
Table 21 Register Map Description
Note:
Unused register bits should be set to ‘0’ except when writing to Register 0000110, when bits 1,5 and
6 should be set to ‘1’.
DIGITAL FILTER CHARACTERISTICS
The ADC and DAC employ different digital filters. There are 4 types of digital filter, called Type 0, 1, 2
and 3. The performance of Types 0 and 1 is listed in the table below, the responses of all filters is
shown in the proceeding pages.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter Type 0 (USB Mode, 250fs operation)
+/- 0.05dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-60
dB
ADC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.05dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-60
dB
High Pass Filter Corner
Frequency
-3dB
-0.5dB
-0.1dB
3.7
10.4
21.6
Hz
DAC Filter Type 0 (USB mode, 250fs operation)
+/- 0.03dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/-0.03
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-50
dB
DAC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.03dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.03
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-50
dB
Table 22 Digital Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com