Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8734 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8734
Description  Stereo Audio CODEC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8734 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8734 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8734 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
WM8734
Production Data
w
PD Rev 4.1 November 2006
40
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.06
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0
0.05
0.1
0.15
0.2
0.25
Frequency (Fs)
Figure 31 ADC Digital Filter Frequency Response –Type 2
Figure 32 ADC Digital Filter Ripple –Type 2
ADC HIGH PASS FILTER
The WM8734 has a selectable digital high pass filter to remove DC offsets. The filter response is
characterised by the following polynomial.
DIGITAL DE-EMPHASIS CHARACTERISTICS
-10
-8
-6
-4
-2
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
Figure 33 De-Emphasis Frequency Response (32kHz)
Figure 34 De-Emphasis Error (32kHz)
-10
-8
-6
-4
-2
0
0
5000
10000
15000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5000
10000
15000
20000
Frequency (Fs)
Figure 35 De-Emphasis Frequency Response (44.1kHz)
Figure 36 De-Emphasis Error (44.1kHz)
H(z) =
1 – z
-1
1 – 0.9995 z
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com