Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940GEFL/V Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8940GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940GEFL/V Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8940GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8940GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
WM8940
Pre-Production
w
Pre-Production, Rev 3.0, February 2007
62
2-WIRE SERIAL CONTROL MODE
The WM8940 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit device address (this is not the same as the 7-bit
address of each register in the WM8940).
The WM8940 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8940, then the WM8940 responds by pulling SDIN low on the next clock pulse
(ACK). If the address is not recognised or the R/W bit is ‘1’ when operating in write only mode, the
WM8940 returns to the idle condition and wait for a new start condition and valid address.
During a write, once the WM8940 has acknowledged a correct address, the controller sends the first
byte of control data (B23 to B16, i.e. the WM8940 8 bit register address). The WM8940 then
acknowledges the first data byte by pulling SDIN low for one clock pulse. The controller then sends
the second byte of control data (B15 to B8, i.e. the most significant 8 bits of register data), and the
WM8940 acknowledges again by pulling SDIN low for one clock pulse. The controller then sends the
third byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the WM8940
acknowledges again by pulling SDIN low for one clock pulse.
Transfers are complete when there is a low to high transition on SDIN while SCLK is high. After a
complete sequence the WM8940 returns to the idle state and waits for another start condition. If a
start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN
changes while SCLK is high), the device jumps to the idle condition.
Figure 37 2-Wire Serial Control Interface
In 2-wire mode the WM8940 has a fixed device address, 0011010.
RESETTING THE CHIP
The WM8940 can be reset by performing a write of any value to the software reset register (address
0 hex). This will cause all register values to be reset to their default values. In addition to this there
is a Power-On Reset (POR) circuit which ensures that the registers are set to default when the
device is powered up.
POWER SUPPLIES
The WM8940 requires four separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A larger AVDD slightly
improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono output
drivers. SPKVDD can range from 2.5V to 3.6V. SPKVDD can be tied to AVDD, but it requires
separate layout and decoupling capacitors to curb harmonic distortion. With a larger SPKVDD,
louder headphone and speaker outputs can be achieved with lower distortion. If SPKVDD is lower
than AVDD, the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.71V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD can range from 1.71V to 3.6V. DBVDD return path is through DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com