Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8973LGEFL/V Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8973LGEFL/V
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973LGEFL/V Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8973LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
WM8973L
Production Data
w
PD Rev 4.2 September 2005
44
MASTER MODE ADCLRC AND DACLRC ENABLE
In Master mode, by default ADCLRC is disabled when the ADC is disabled and DACLRC is disabled
when the DAC is disabled. Register bit LRCM, register 24(18h) bit[2] changes the control so that the
ADCLRC and DACLRC are disabled only when ADC and DAC are disabled. This enables the user to
use e.g. ADCLRC for both ADC and DAC LRCLK and disable the ADC when DAC only operation is
required, (see Table 36).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
2
LRCM
0
Selects disable mode for ADCLRC and
DACLRC
0 = ADCLRC disabled when ADC (Left and
Right) disabled, DACLRC disabled when
DAC (Left and Right) disabled.
1 = ADCLRC and DACLRC disabled only when
ADC (Left and Right) and DAC (Left and
Right) are disabled.
Table 36 ADCLRC/DACLRC Enable
BIT CLOCK MODE
The default master mode bit clock generator produces a bit clock frequency based on the sample
rate and input MCLK frequency as shown in Table 40. When enabled by setting the appropriate
BCM[1:0] bits, the bit clock mode (BCM) function overrides the default master mode bit clock
generator to produce the bit clock frequency shown in the table below:
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking and
Sample Rate
Control
8:7
BCM[1:0]
00
BCLK Frequency
00 = BCM function disabled
01 = MCLK/4
10 = MCLK/8
11 = MCLK/16
Table 37 Master Mode BCLK Frequency Control
The BCM mode bit clock generator produces 16 or 24 bit clock cycles per sample. The number of bit
clock cycles per sample in this mode is determined by the word length bits (WL[1:0]) in the Digital
Audio Interface Format register (R7). When these bits are set to 00, there will be 16 bit clock cycles
per sample. When these bits are set to 01, 10 or 11, there will be 24 bit clock cycles per sample.
Please refer to Figure 25.
The BCM generator uses the ADCLRC signal, hence the ADCLRC signal must be enabled when
using bit clock mode. To enable the ADCLRC signal, either the ADC must be powered up or, if the
ADC is not in use, the LRCM bit must be set to enable both the ADCLRC and DACLRC signals when
either the ADC or the DAC is enabled.
When the BCM function is enabled, the following restrictions apply:
1. The bit clock invert (BCLKINV) function is not available.
2. The DAC and ADC must be operated at the same sample rate.
3. DSP late digital audio interface mode is not available and must not be enabled.
Figure 25 Bit Clock Mode
Note: The shaded bit clock cycles are present only when 24-bit mode is selected. Please refer to the
"Bit Clock Mode" description for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com