Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8973LGEFL/V Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8973LGEFL/V
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973LGEFL/V Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8973LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Production Data
WM8973L
w
PD Rev 4.2 September 2005
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
ADCPOL
[1:0]
00
00 = Polarity not inverted
01 = L polarity invert
10 = R polarity invert
11 = L and R polarity invert
4
HPOR
0
Store dc offset when high-pass
filter disabled
1 = store offset
0 = clear offset
ADC high-pass filter enable
(Digital)
HPFLREN = 0
1 = Disable high-pass filter on left
and right channels
0 = Enable high-pass filter on left
and right channels
R5 (05h)
ADC and DAC
Control
0
ADCHPD
0
HPFLREN = 1
0 = High-pass enabled on left,
disabled on right
1 = High-pass enabled on right,
disabled on left
R27 (1Bh)
5
HPFLREN
0
ADC high-pass filter left or right
enable
0 = High-pass filter enable/disable
on left and right channels
controlled by ADCHPD
1 = High-pass filter enabled on left
or right channel, as selected by
ADCHPD
Table 10 ADC Signal Path Control
HPFLREN
ADCHPD
HIGH PASS MODE
0
0
High-pass filter enabled on left and right
channels
0
1
High-pass filter disabled on left and right
channels
1
0
High-pass filter enabled on left channel,
disabled on right channel
1
1
High-pass filter disabled on left channel,
enabled on right channel
Table 11 ADC High Pass Filter Enable Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com