Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8974 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8974
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8974_07 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
LIMATK
0010
Limiter Attack time (per 6dB gain change) for
44.1kHz sampling. Note that these will scale
with sample rate.
0000=94us
0001=188s
0010=375us
0011=750us
0100=1.5ms
0101=3ms
0110=6ms
0111=12ms
1000=24ms
1001=48ms
1010=96ms
1011 to 1111=192ms
7:4
LIMDCY
0011
Limiter Decay time (per 6dB gain change)
for 44.1kHz sampling. Note that these will
scale with sample rate:
0000=750us
0001=1.5ms
0010=3ms
0011=6ms
0100=12ms
0101=24ms
0110=48ms
0111=96ms
1000=192ms
1001=384ms
1010=768ms
1011 to 1111=1.536s
R24
DAC digital
limiter control 1
8
LIMEN
0
Enable the DAC digital limiter:
0=disabled
1=enabled
3:0
LIMBOOST
0000
Limiter volume boost (can be used as a
stand alone volume boost when
LIMEN=0):
0000=0dB
0001=+1dB
0010=+2dB
… (1dB steps)
1011=+11dB
1100=+12dB
1101 to 1111=reserved
R25
DAC digital
limiter control 2
6:4
LIMLVL
000
Programmable signal threshold level
(determines level at which the limiter
starts to operate)
000=-1dB
001=-2dB
010=-3dB
011=-4dB
100=-5dB
101 to 111=-6dB
Table 28 DAC Digital Limiter Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com