Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8974 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8974
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8974_07 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8974_07 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
49
DIGITAL AUDIO INTERFACES
The audio interface has four pins:
•
ADCDAT: ADC data output
•
DACDAT: DAC data input
•
FRAME: Data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, and FRAME can be outputs when the WM8974 operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8974 audio interface may be configured as either master or slave. As a master interface
device the WM8974 generates BCLK and FRAME and thus controls sequencing of the data transfer
on ADCDAT and DACDAT. To set the device to master mode register bit MS should be set high. In
slave mode (MS=0), the WM8974 responds with data to clocks it receives over the digital audio
interfaces.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an FRAME
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each FRAME transition.
Figure 25 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a FRAME
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each FRAME transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com