Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8983GEFL/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8983GEFL/V
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983GEFL/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8983GEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8983GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 123 page
background image
WM8983
Production Data
w
PD Rev 4.0 November 2006
12
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD1=AVDD2=2.5V
Channel Separation
6
100
dB
LIN and RIN into input PGA Bypass to LOUT1 and ROUT1 into 10k
Ω / 50pF loads
BYPLMIXVOL, BYPRMIXVOL, LOUT1VOL and ROUT1VOL = 0dB
Full-scale output voltage, 0dB gain
AVDD1/3.3
Vrms
A-weighted
AVDD1=AVDD2=3.3V
90
100
dB
A-weighted
AVDD1=AVDD2=2.5V
96
dB
22Hz to 22kHz
AVDD1=AVDD2=3.3V
95.5
dB
SIGNAL TO NOISE RATIO
3
SNR
22Hz to 22kHz
AVDD1=AVDD2=2.5V
93.5
dB
full-scale signal
AVDD1=AVDD2=3.3V
-87
-75
dBFS
Total Harmonic Distortion 4
THD
full-scale signal
AVDD1=AVDD2=2.5V
-69
dBFS
full-scale signal
AVDD1=AVDD2=3.3V
-85
-73
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD1=AVDD2=2.5V
-68
dBFS
Channel separation 6
1kHz full scale signal
100
dB
Speaker Output (LOUT2, ROUT2 with 8
Ω bridge tied load, INVROUT2=1)
SPKBOOST=0
AVDD2/
3.3
Vrms
Full scale output voltage, 0dB gain. 7
SPKBOOST=1
(AVDD2/
3.3)*1.5
Output Power
PO
Output power is very closely correlated with THD; see below
PO =200mW, RL = 8
Ω,
AVDD2=3.3V
0.04
-68
%
dB
PO =320mW, RL = 8
Ω,
AVDD2=3.3V
1.0
-40
%
dB
PO =500mW, RL = 8
Ω,
AVDD2=5V
0.02
-74
%
dB
Total Harmonic Distortion
THD
PO =860mW, RL = 8
Ω,
AVDD2=5V
1.0
-40
%
dB
AVDD2=3.3V,
RL = 8
Ω
90
dB
Signal to Noise Ratio
SNR
AVDD2=5V,
RL = 8
Ω
90
dB
RL = 8
Ω BTL
80
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 8
Ω BTL AVDD2=5V
(boost)
69
dB
Microphone Bias
MBVSEL=0
0.9*AVDD1
V
Bias Voltage
MBVSEL=1
0.65*AVDD1
V
Bias Current Source
for VMICBIAS within +/-3%
3
mA
Output Noise Voltage
1kHz to 20kHz
15
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com