Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9707SCFT/RV Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9707SCFT/RV
Description  AC 97 Revision 2.1 Audio CODEC with SPDIF Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707SCFT/RV Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9707SCFT/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9707SCFT/RV Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
WM9707
Production Data
w
PD Rev 4.1 June 2006
16
There is no provision for pseudo-stereo effects. Mono signals will have no enhancement applied
(if the signals are in phase and of the same amplitude).
Signals from the PCM DAC channels can have stereo enhancement applied. It can also be bypassed
if desired. This control is enabled by setting the POP bit in Register 20h.
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the Intel
Revision 2.1 specification for audio rates. The default rate is 48ks/s. If alternative rates are selected
and variable rate audio is enabled (Register 2Ah, bit 0), the AC’97 interface continues to run at 48k
words per second, but data is transferred across the link in bursts such that the net sample rate
selected is achieved. It is up to the AC’97 Revision 2.1 compliant controller to ensure that data is
supplied to the AC link, and received from the AC link, at the appropriate rate.
The device supports on demand sampling. That is, when the DAC signal processing circuits need
another sample, a sample request is sent to the controller which must respond with a data sample in
the next frame it sends. For example, if a rate of 22.05ks/s is selected, on average the device will
request a sample from the controller every other frame, for each of the stereo DACs. Note that if an
unsupported rate is written to one of the rate registers, the rate will default to the nearest rate
supported. The Register will then respond when interrogated with the supported rate the device has
defaulted to.
The left and right channels of the ADCs and DACs always sample at the same rate.
AUDIO
SAMPLE RATE
(HZ)
CONTROL VALUE
D15-D0
(HEX)
8000
1F40
11025
2B11
16000
3E80
22050
5622
32000
7D00
44100
AC44
48000
BB80
Table 1 Variable Sample Rates Supported
SPDIF DIGITAL AUDIO DATA OUTPUT
Pin 48 may be used to output the PCM DAC playback data in SPDIF (IEC958) digital data format. In
order to enable this output, bit SPDF in Register 5Ch should be set or pin 44 pulled high.
Additionally, a bit SCMS in Register 5Ch may also be set, which removes the copyright flag in the
IEC958 data, allowing serial copy protect mechanisms to be implemented. Note that this data output
will only operate at the SYNCH rate and so only supports 48ks/s operation. The PCM DACs continue
to function normally when SPDIF output is enabled.
GAIN CONTROL REGISTER LOCATION
PGA
CONTROL REGISTER
MUTE DEFAULT
DAC
18h
Muted (bit-15)
Mixer
72h
Not-muted (bit-15)
Volume
02h
Muted (15)
Table 2 Gain Control Register Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com