| Electronic Components Datasheet Search |
|
WM9707SCFT/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9707SCFT/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc |
|
17 / 35 page ![]() WM9707 Production Data w PD Rev 4.1 June 2006 17 MASTER/SLAVE ID SUPPORT WM9707 supports operation as either a master or a slave CODEC. Configuration of the device as either a master or as a slave, is selected by tying the CID pin 45 on the package. Fundamentally, a device identified as a master (ID = 0) produces BITCLK as an output, whereas a slave (any other ID) must be provided with BITCLK as an input. This has the obvious implication that if the master device on an AC link is disabled, the slave devices cannot function. The AC’97 Revision 2.1 specification defines that the CID pin has inverting sense, and are provided with internal weak pull ups. Therefore, if no connections are made to the CID pin, then the pin pulls hi and an ID = 0 is selected, i.e. master. External connects to ground will select other IDs. PIN 45 CID ID SELECTED MASTER OR SLAVE BITCLK NC 0 Master Output Ground 1 Slave Input Table 3 ID Selection CONTROL INTERFACE A digital interface has been provided to control the WM9707 and transfer data to and from it. This serial interface is compatible with the Intel AC’97. The main control interface functions are: • Control of analogue gain and signal paths through the mixer • Bi-directional transfer of ADC and DAC words to and from AC’97 controller • Selection of Powerdown down modes. AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL The WM9707 incorporates a 5-pin digital serial interface that links it to the AC’97 controller. AC-link is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input and output audio streams, as well as control Register accesses employing a time division multiplexed (TDM) scheme. The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming data streams, each with 20-bit sample resolution. With a minimum required DAC and ADC resolution of 16-bits, AC’97 may also be implemented with 18 or 20-bit DAC/ADC resolution, given the headroom that the AC-link architecture provides. The WM9707 provides support for 18-bit operation. SLOT NUMBER SYNC SDATAOUT SDATAIN TAG PHASE TAG CMD ADR CMD DATA PCM LEFT PCM RIGHT RSRVD RSRVD RSRVD TAG STATUS ADDR STATUS DATA PCM LEFT PCM RIGHT RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD DATA PHASE 01 23 4567 89 10 11 12 PCM C (n+1) PCM R (n+1) PCM L (n+1) CODEC ID SLOTREQ 3-12 PCM CENTRE RSRVD PCM L SURR PCM R SURR PCM LFE RSRVD Figure 11 AC’97 Standard Bi-Directional Audio Frame |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |