Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9714LGEFL/V Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM9714LGEFL/V
Description  AC 97 Audio CODEC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9714LGEFL/V Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM9714LGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM9714LGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
Pre-Production
WM9714L
w
PP Rev 3.0 June 2006
71
REGISTER MAP
Reg
Name
151413121110
9
8
7
6
5
4
3
2
1
0
Default
Reset
0
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
6174h
Speaker Volume
MUL
ZCL
MUR
ZCR
8080h
Headphone Volume
MUL
ZCL
MUR
ZCR
8080h
OUT3/4 Volume
MU4
ZC4
MU3
ZC3
8080h
MONO Vol & MONOIN PGA Vol /
Routing
M2H
M2S
0
MU
ZC
C880h
LINEIN PGA Volume / Routing
L2H
L2S
L2M
0
0
0
E808h
DAC PGA Volume / Routing
D2H
D2S
D2M
0
0
0
E808h
MIC PGA Volume
0
0
0
0
0
0
0808h
MIC Routing
0
00
00
00
0
MA2M
MB2M
MIC2MB
ST
00DAh
Record PGA Volume
RMU
GRL
ZC
GRR
8000h
Record Routing / Mux Select
R2M
BST
0REC
BST
D600h
PCBEEP Volume / Routing
B2H
B2S
B2M
0
0
0
0
AAA0h
VxDAC Volume / Routing
V2H
V2S
V2M
0
0
0
0
AAA0h
AUXDAC Volume / Routing
A2H
A2S
A2M
0
0
0
0
AAA0h
Output PGA Mux Select
0000h
DAC 3D Control & INV Mux Select
0
0
0
0
3DLC
3DUC
0000h
DAC Tone Control
BB
0
0
BC
0
DAT
0
TC
0F0Fh
MIC Input Select & Bias / Detect
Ctrl
MBOP2E
N
MBOP1E
N
MBVOL
0040h
Output Volume Mapping (Jack
Insert)
0
0
0
0
0
0
0
0
0
0
0
JIEN
0000h
Powerdown Ctrl/Stat
0
PR6
PR5
PR4
PR3
PR2
PR1
PR0
0
0
0
0
REF
ANL
DAC
ADC
7F00h
Extended Audio ID
ID1
ID0
0
0
REV1
REV0
AMAP
LDAC
SDAC
CDAC
0
0
VRM
SPDIF
DRA
VRA
0405h
Ext'd Audio Stat/Ctrl
0
0
0
0
0
SPCV
0
0
0
0
0
SEN
0
VRA
0410h
Audio DACs Sample Rate
BB80h
AUXDAC Sample Rate
BB80h
Audio ADCs Sample Rate
BB80h
PCM codec control
CTRL
0
VDACO
SR
CP
FSP
4523h
SPDIF control
V
DRS
L
PRE
COPY
AUD IB
PRO
2000h
Powerdown (1)
PADCPD VMID 1M TSHUT
VXDAC AUXDAC
VREF
PLL
1
DACL
DACR
ADCL
ADCR
HPLX
HPRX
SPKX
MX
FDFFh
Powerdown (2)
MCD
MIC
BIAS
MONO
OUT4
OUT3
HPL
HPR
SPKL
SPKR
LL
LR
MOIN
MA
MB
MPA
MPB
FFFFh
General Purpose
0
0
3DE
0
0
0
0
0
LB
0
0
0
0
0
0
0
0000h
Fast Power-Up Control
0
0
0
0
0
0
0
0
0
MONO
SPKL
SPKR
HPL
HPR
OUT3
OUT4
0000h
MCLK / PLL Control
0
CLKSRC
0
CLKBX2
CLKAX2 CLKMUX
0080h
MCLK / PLL Control
LF
SDM
DIVSEL
DIVCTL
0
0000h
GPIO Pin Configuration
1
1
1
1
1
1
1
GC8
GC7
GC6
GC5
GC4
GC3
GC2
GC1
0
FFFEh
GPIO Pin Polarity / Type
C1P
C2P
PP
AP
TP
SP
MP
GP8
GP7
GP6
GP5
GP4
GP3
GP2
GP1
1
FFFFh
GPIO Pin Sticky
C1S
C2S
PS
AS
TS
SS
MS
GS8
GS7
GS6
GS5
GS4
GS3
GS2
GS1
0
0000h
GPIO Pin Wake-Up
C1W
C2W
PW
AW
TW
SW
MW
GW8
GW7
GW6
GW5
GW4
GW3
GW2
GW1
0
0000h
GPIO Pin Status
C1I
C2I
PI
AI
TI
SI
MI
GI8
GI7
GI6
GI5
GI4
GI3
GI2
GI1
0
GPIO pins
GPIO Pin Sharing
1
1
1
1
1
1
1
GE8
0
GE6
GE5
GE4
0
GE2
1
0
FFFEh
GPIO Pull UP/DOWN Ctrl
PU8
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
4000h
Additional Functions (1)
0
0
0
0
RSTDIS
WAKEE
N
IRQ INV
0000h
Additional Functions (2)
AMUTE
C1 REF
C2 REF
0
AMEN
ADCO
HPF
0
0000h
ALC Control
B032h
ALC / Noise Gate Control
0
NGAT
0
NGG
3E00h
AUXDAC input control
XSLE
0000h
Digitiser Reg 1
0
0
0
0
0
0
POLL
CTC
0
0000h
Digitiser Reg 2
0
0
0
0
0
0
SLEN
0006h
Digitiser Reg 3
0
0
0
0
WAIT
0
0
0
0
0
0
1
0001h
Digitiser Read Back
0
0000h
Vendor ID1
574Dh
Vendor ID2
4C13h
PENDIV
DCDRVSEL
EARSPKSEL
MODE
DIV
SEL
WL
FMT
SPSR
CC (Category Code)
AUXDACSLT
AUXDAC VAL
ADCSEL
7Ah
ADCSRC
ADCD (AUXADC DATA)
DEL
SLT
7Eh
ASCII character “L”
Device Identifier
7Ch
78h
PRP
MSK
ASCII character “W”
ASCII character “M”
74h
76h
CR
64h
ASS
60h
62h
ALCSEL
MAXGAIN
ZCTIMEOUT
NGTH (threshold)
ALCL (target level)
HLD (hold time)
5Ch
C1SRC
C2SRC
VBIAS
58h
5Ah
COMP2DEL
Die Revision
HPMODE
JSEL
50h
52h
54h
56h
4Ch
4Eh
40h
42h
44h
46h
3Ch
3Eh
36h
3Ah
2Eh
AUXDACSR (Auxiliary DAC Sample Rate)
32h
ADCSR (Audio ADCs Sample Rate)
2Ah
SPSA
2Ch
DACSR (Audio DACs Sample Rate)
24h
26h
DCY (decay time)
ATK (attack time)
N[3:0]
PGADDR
PGDATA
SEXT[6:4]
SEXT[3:0]
28h
20h
BASS
TRBL
22h
MICCMPSEL
MPASEL
MPABST
MPBBST
MCDTHR
MCDSCTHR
1Eh
INVA
INVB
3DDEPTH
HPL
HPR
OUT3
OUT4
1Ch
MONO
SPKL
SPKR
1Ah
A2HVOL
A2SVOL
A2MVOL
18h
V2HVOL
V2SVOL
V2MVOL
RECSL
RECSR
16h
B2HVOL
B2SVOL
B2MVOL
14h
R2H
R2HVOL
R2M
10h
MIC2H
MIC2HVOL
12h
(Extended)
RECVOLL
(Extended)
RECVOLR
0Ch
DACLVOL
DACRVOL
0Eh
MICAVOL
MICBVOL
08h
MONOINVOL
MONOVOL
0Ah
LINELVOL
LINERVOL
06h
OUT4VOL
OUT3VOL
04h
HPLVOL
HPRVOL
00h
02h
SPKLVOL
SPKRVOL
Table 63 WM9714L Register Map
Note:
Register 46h provides access to a sub-page address system to set the SPLL[6:0] and K[21:0] register bits (see Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com