Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M02 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 2Page - Texas Instruments AMC131M02 Datasheet HTML 3Page - Texas Instruments AMC131M02 Datasheet HTML 4Page - Texas Instruments AMC131M02 Datasheet HTML 5Page - Texas Instruments AMC131M02 Datasheet HTML 6Page - Texas Instruments AMC131M02 Datasheet HTML 7Page - Texas Instruments AMC131M02 Datasheet HTML 8Page - Texas Instruments AMC131M02 Datasheet HTML 9Page - Texas Instruments AMC131M02 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
6.5 Insulation Specifications
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
GENERAL
CLR
External clearance(1)
Shortest pin-to-pin distance through air
≥ 8.0
mm
CPG
External creepage(1)
Shortest pin-to-pin distance across the package surface
≥ 8.0
mm
DTI
Distance through insulation
Minimum internal gap (internal clearance) of the double
insulation
≥ 0.021
mm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 600
V
Material group
According to IEC 60664-1
I
Overvoltage category
per IEC 60664-1
Rated mains voltage ≤ 600 VRMS
I-III
Rated mains voltage ≤ 1000 VRMS
I-II
DIN EN IEC 60747-17 (VDE 0884-17)
VIORM
Maximum repetitive peak
isolation voltage(2)
At AC voltage
1700
VPK
VIOWM
Maximum-rated isolation
working voltage(2)
At AC voltage (sine wave)
1200
VRMS
At DC voltage
1700
VDC
VIOTM
Maximum transient
isolation voltage
VTEST = VIOTM, t = 60 s (qualification test),
VTEST = 1.2 × VIOTM, t = 1 s (100% production test)
7070
VPK
VIMP
Maximum impulse voltage(3)
Tested in air, 1.2/50-µs waveform per IEC 62368-1
7700
VPK
VIOSM
Maximum surge
isolation voltage (4)
Tested in oil (qualification test),
1.2/50-µs waveform per IEC 62368-1
10000
VPK
qpd
Apparent charge(5)
Method a, after input/output safety test subgroups 2 and 3,
Vpd(ini) = VIOTM, tini = 60 s, Vpd(m) = 1.2 × VIORM, tm = 10 s
≤ 5
pC
Method a, after environmental tests subgroup 1,
Vpd(ini) = VIOTM, tini = 60 s, Vpd(m) = 1.6 × VIORM, tm = 10 s
≤ 5
Method b1, at preconditioning (type test) and routine test,
Vpd(ini) = 1.2 x VIOTM, tini = 1 s, Vpd(m) = 1.875 × VIORM, tm = 1 s
≤ 5
Method b2, at routine test (100% production)(7),
Vpd(ini) = Vpd(m) = 1.2 x VIOTM, tini = tm = 1 s
≤ 5
CIO
Barrier capacitance,
input to output(6)
VIO = 0.5 VPP at 1 MHz
~4.5
pF
RIO
Insulation resistance,
input to output(6)
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL1577
VISO
Withstand isolation voltage
VTEST = VISO, t = 60 s (qualification test),
VTEST = 1.2 × VISO, t = 1 s (100% production test)
5000
VRMS
(1)
Apply creepage and clearance requirements according to the specific equipment isolation standards of an application. Care must be
taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the
printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal in certain cases. Techniques
such as inserting grooves, ribs, or both on a PCB are used to help increase these specifications.
(2)
This device is suitable for safe electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier are tied together, creating a two-pin device.
(7)
Either method b1 or b2 is used in production.
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com