Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M02 Datasheet(PDF) 80 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 76Page - Texas Instruments AMC131M02 Datasheet HTML 77Page - Texas Instruments AMC131M02 Datasheet HTML 78Page - Texas Instruments AMC131M02 Datasheet HTML 79Page - Texas Instruments AMC131M02 Datasheet HTML 80Page - Texas Instruments AMC131M02 Datasheet HTML 81Page - Texas Instruments AMC131M02 Datasheet HTML 82Page - Texas Instruments AMC131M02 Datasheet HTML 83Page - Texas Instruments AMC131M02 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
Table 9-3. Recommended External Components
COMP
DESCRIPTION
PART NUMBER
MANUFACTURER
SIZE (EIA, L x W)
DVDD
C15
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
C16
1 µF ± 10%, X7R, 25 V
12063C105KAT2A
AVX
1206, 3.2 mm x 1.6 mm
DC/DC CONVERTER
C17
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C1
1 nF ± 10%, X7R, 50 V
C0603C102K5RACTU
Kemet
0603, 1.6 mm x 0.8 mm
C6
1 µF ± 10%, X7R, 25 V
CGA3E1X7R1E105K080AC
TDK
0603, 1.6 mm x 0.8 mm
F1, F2
Ferrite bead
74269244182
Wurth Elektronik
0402, 1.0 mm x 0.5 mm
HLDO
C24
100 nF ± 10%, X7R, 50 V
C0603C104K5RACAUTO
Kemet
0603, 1.6 mm x 0.8 mm
C10
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
C13
100 nF ± 5%, NP0, 50 V
C3216NP01H104J160AA
TDK
1206, 3.2 mm x 1.6 mm
C11
1 nF ± 10%, X7R, 50 V
12065C102KAT2A
AVX
1206, 3.2 mm x 1.6 mm
9.4 Layout
9.4.1 Layout Guidelines
Figure 9-9 illustrates a layout recommendation with the critical placement of the decoupling capacitors. The
same component reference designators are used as in the Power Supply Recommendations section.
For best EMI performance, do not dedicate a ground plane on the high-side, but connect the ground reference
for the high-side (HGND) using individual traces as illustrated in Figure 9-9.
Route digital traces away from all analog inputs and associated components to minimize interference.
Use C0G capacitors on the analog inputs. Use ceramic capacitors (for example, X7R grade) for the power-
supply decoupling capacitors. High-K capacitors (Y5V) are not recommended. Place the required capacitors as
close as possible to the device pins using short, direct traces. For optimum performance, use low-impedance
connections on the ground-side connections of the bypass capacitors.
When applying an external clock, make sure the clock is free of overshoot and glitches. A source-termination
resistor placed at the clock buffer often helps reduce overshoot. Glitches present on the clock input can lead to
noise within the conversion data.
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
80
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com