Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD620BRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD620BRZ-R7
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620BRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD620BRZ-R7 Datasheet HTML 1Page - Analog Devices AD620BRZ-R7 Datasheet HTML 2Page - Analog Devices AD620BRZ-R7 Datasheet HTML 3Page - Analog Devices AD620BRZ-R7 Datasheet HTML 4Page - Analog Devices AD620BRZ-R7 Datasheet HTML 5Page - Analog Devices AD620BRZ-R7 Datasheet HTML 6Page - Analog Devices AD620BRZ-R7 Datasheet HTML 7Page - Analog Devices AD620BRZ-R7 Datasheet HTML 8Page - Analog Devices AD620BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD620
Rev. G | Page 4 of 20
AD620A
AD620B
AD620S1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Common-Mode Rejection
Ratio DC to 60 Hz with
1 kΩ Source Imbalance
VCM = 0 V to ± 10 V
G = 1
73
90
80
90
73
90
dB
G = 10
93
110
100
110
93
110
dB
G = 100
110
130
120
130
110
130
dB
G = 1000
110
130
120
130
110
130
dB
OUTPUT
Output Swing
RL = 10 kΩ
VS = ±2.3 V
to ± 5 V
−VS +
1.1
+VS − 1.2
−VS + 1.1
+VS − 1.2
−VS + 1.1
+VS − 1.2
V
Overtemperature
−VS + 1.4
+VS − 1.3
−VS + 1.4
+VS − 1.3
−VS + 1.6
+VS − 1.3
V
VS = ±5 V
to ± 18 V
−VS + 1.2
+VS − 1.4
−VS + 1.2
+VS − 1.4
−VS + 1.2
+VS − 1.4
V
Overtemperature
−VS + 1.6
+VS – 1.5
−VS + 1.6
+VS – 1.5
–VS + 2.3
+VS – 1.5
V
Short Circuit Current
±18
±18
±18
mA
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
1000
1000
1000
kHz
G = 10
800
800
800
kHz
G = 100
120
120
120
kHz
G = 1000
12
12
12
kHz
Slew Rate
0.75
1.2
0.75
1.2
0.75
1.2
V/µs
Settling Time to 0.01%
10 V Step
G = 1–100
15
15
15
µs
G = 1000
150
150
150
µs
NOISE
Voltage Noise, 1 kHz
2
2
)
/
(
)
(
G
e
e
Noise
RTI
Total
no
ni
+
=
Input, Voltage Noise, eni
9
13
9
13
9
13
nV/√Hz
Output, Voltage Noise, eno
72
100
72
100
72
100
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
3.0
3.0
6.0
3.0
6.0
µV p-p
G = 10
0.55
0.55
0.8
0.55
0.8
µV p-p
G = 100–1000
0.28
0.28
0.4
0.28
0.4
µV p-p
Current Noise
f = 1 kHz
100
100
100
fA/√Hz
0.1 Hz to 10 Hz
10
10
10
pA p-p
REFERENCE INPUT
RIN
20
20
20
kΩ
IIN
VIN+, VREF = 0
50
60
50
60
50
60
µA
Voltage Range
−VS + 1.6
+VS − 1.6
−VS + 1.6
+VS − 1.6
−VS + 1.6
+VS − 1.6
V
Gain to Output
1 ± 0.0001
1 ± 0.0001
1 ± 0.0001
POWER SUPPLY
Operating Range4
±2.3
±18
±2.3
±18
±2.3
±18
V
Quiescent Current
VS = ±2.3 V
to ±18 V
0.9
1.3
0.9
1.3
0.9
1.3
mA
Overtemperature
1.1
1.6
1.1
1.6
1.1
1.6
mA
TEMPERATURE RANGE
For Specified Performance
−40 to +85
−40 to +85
−55 to +125
°C
1 See Analog Devices military data sheet for 883B tested specifications.
2 Does not include effects of external resistor RG.
3 One input grounded. G = 1.
4 This is defined as the same supply range that is used to specify PSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com