Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD620BRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD620BRZ-R7
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620BRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD620BRZ-R7 Datasheet HTML 3Page - Analog Devices AD620BRZ-R7 Datasheet HTML 4Page - Analog Devices AD620BRZ-R7 Datasheet HTML 5Page - Analog Devices AD620BRZ-R7 Datasheet HTML 6Page - Analog Devices AD620BRZ-R7 Datasheet HTML 7Page - Analog Devices AD620BRZ-R7 Datasheet HTML 8Page - Analog Devices AD620BRZ-R7 Datasheet HTML 9Page - Analog Devices AD620BRZ-R7 Datasheet HTML 10Page - Analog Devices AD620BRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD620
Rev. G | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
(@ 25°C, VS = ±15 V, RL = 2 kΩ, unless otherwise noted.)
INPUT OFFSET VOLTAGE (
µV)
20
30
40
50
–40
0
40
80
–80
SAMPLE SIZE = 360
10
0
Figure 5. Typical Distribution of Input Offset Voltage
INPUT BIAS CURRENT (pA)
0
10
20
30
40
50
–600
0
600
–1200
1200
SAMPLE SIZE = 850
Figure 6. Typical Distribution of Input Bias Current
10
20
30
40
50
–200
0
200
400
INPUT OFFSET CURRENT (pA)
–400
0
SAMPLE SIZE = 850
Figure 7. Typical Distribution of Input Offset Current
TEMPERATURE (
°C)
+IB
–IB
2.0
–2.0
175
–1.0
–1.5
–75
–0.5
0
0.5
1.0
1.5
125
75
25
–25
Figure 8. Input Bias Current vs. Temperature
1.5
0.5
WARM-UP TIME (Minutes)
2.0
0
01
1.0
4
3
2
5
Figure 9. Change in Input Offset Voltage vs. Warm-Up Time
FREQUENCY (Hz)
1000
1
1
100k
100
10
10k
1k
100
GAIN = 1
GAIN = 10
10
GAIN = 100, 1,000
GAIN = 1000
BW LIMIT
Figure 10. Voltage Noise Spectral Density vs. Frequency (G = 1−1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com