Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALDP124
Description  Slim (7.2mm .283inch), 1 Form A 5A power relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALDP124 Datasheet HTML 1Page - Panasonic Semiconductor ALDP124 Datasheet HTML 2Page - Panasonic Semiconductor ALDP124 Datasheet HTML 3Page - Panasonic Semiconductor ALDP124 Datasheet HTML 4Page - Panasonic Semiconductor ALDP124 Datasheet HTML 5Page - Panasonic Semiconductor ALDP124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD-P (ALDP1)
–2–
ASCTB193E 201702-T
RATING
1. Coil data
Notes: *1. Square, pulse drive
*2. Maximum allowable voltage is the maximum voltage which can satisfy the coil temperature rise value.
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50μs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
3. Expected electrical life
Condition: Resistive, at 20 times/min.
REFERENCE DATA
Rated voltage
Pick-up voltage*1
(at 20
°C 68°F)
Drop-out voltage*1
(at 20
°C 68°F)
Rated operating current
(DC,
±10%, at 20°C 68°F)
Coil resistance
(
±10%, at 20°C 68°F)
Rated operating power
Max. allowable voltage
(at 20
°C 68°F)
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
40.0mA
125
Ω
200mW
180%V of
rated voltage*2
6V DC
33.3mA
180
Ω
9V DC
22.2mA
405
Ω
12V DC
16.7mA
720
Ω
18V DC
11.1mA
1,620
Ω
24V DC
8.3mA
2,880
Ω
Characteristics
Item
Specifications
Contact data
Arrangement
1 Form A
Contact resistance (initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgNi type
Contact rating (resistive)
5A 277V AC, 3A 30V DC
Max. switching power (resistive)
1,385VA, 90W
Max. switching voltage
277V AC, 30V DC
Max. switching current
5A (AC), 3A (DC)
Min. switching load (reference value)*1
100mA 5V DC
Insulation resistance (initial)
Min. 1,000M
Ω (at 500V DC) Measured portion is the same as the case of dielectric voltage.
Dielectric strength (initial)
Between open contacts
750 Vrms for 1 min. (detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (detection current: 10 mA)
Surge withstand voltage
(initial)*2
Between contact and coil
10,000 V
Operate time (initial)
Max. 10 ms (at rated voltage, at 20
°C 68°F, excluding contact bounce time)
Release time (initial)
Max. 10 ms (at rated voltage, at 20
°C 68°F, excluding contact bounce time, with diode)
Shock resistance
Functional
300 m/s2 (half-wave pulse of sine wave: 11 ms; detection time: 10
μs)
Destructive
1,000 m/s2 (half-wave pulse of sine wave: 6 ms)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10
μs)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical
Min. 5
×106 (at 180 times/min.)
Conditions
Conditions for operation, transport and
storage*3
Ambient temperature: –40 to +85
°C –40 to +185°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Unit weight
Approx. 4 g .14 oz
Type
Switching capacity
Number of operations
1 Form A
5A 125V AC
Min. 2
×105
5A 250V AC
Min. 105
3A 30V DC
Min. 105
1. Max. switching capacity
2. Life curve
3. Coil temperature rise (Ave.)
Sample: ALDP112, 6 pcs.
Point measured: inside the coil
Contact current: 0 A, 5 A
10
100
10
5
1
0.1
Contact voltage, V
AC resistive load
6
5
4
3
2
1
0
100
10
1
Contact current, A
125V AC resistive load
250V AC resistive load
5A*
0A*
140
120
100
80
50
40
30
20
10
Coil applied voltage, %V
*at room temperature
85
°C 5A
85
°C 0A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com