Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ALDP124
Description  Slim (7.2mm .283inch), 1 Form A 5A power relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ALDP124 Datasheet HTML 1Page - Panasonic Semiconductor ALDP124 Datasheet HTML 2Page - Panasonic Semiconductor ALDP124 Datasheet HTML 3Page - Panasonic Semiconductor ALDP124 Datasheet HTML 4Page - Panasonic Semiconductor ALDP124 Datasheet HTML 5Page - Panasonic Semiconductor ALDP124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LD-P (ALDP1)
–4–
ASCTB193E 201702-T
SAFETY STANDARDS
Notes: *1. CSA standard: Certified by C-UL
*2. For Insulation Class F models only (Coil class F)
INSULATION CHARACTERISTICS (IEC61810-1)
*EN/IEC VDE Certified
NOTES
UL/C-UL(Recognized)*1
VDE (Certified)
CQC
File No.
Rating
Cycles
Temp.
File No.
Rating
Cycles
Temp.
File No.
Rating
Cycle
Temp.
E43028
5A 277V AC
Resistive
105
85
°C
185
°F
40014384
5A 250V AC
(cos
φ=1.0)
105
85
°C
185
°F
CQC10002048611
5A 250V AC
104
85
°C
185
°F
5A 30V DC
Resistive
105
–
5A 30V DC
(0ms)
104
25
°C
77
°F
——
—
6A 277A AC
5
× 104
–
5A 250V AC
(cos
φ=1.0)*2
5
× 104
105
°C
221
°F
——
—
3A 277V AC
General use
12
× 104
85
°C
185
°F
——
—
—
—
—
5A 277V AC
Resistive*2
5
× 104
105
°C
221
°F
——
—
—
—
—
Pilot duty, C300
105
85
°C
185
°F
——
—
—
—
—
Pilot duty,
0.65A 277V AC
(Inrush 6.5A)
105
85
°C
185
°F
——
—
—
—
—
Item
Characteristics
Clearance/Creepage distance (IEC61810-1)
Min. 5.5mm/5.5mm
Category of protection (IEC61810-1)
RTIII
GWT (IEC60335-1)
GWFI850/GWT750 2s (base)/GWIT775 (cover)
Tracking resistance (IEC60112)
PTI175
Insulation material group
IIIa
Over voltage category
III
III
Impulse Withstand Voltage
4 kV
6 kV
Rated voltage
250V
250V
Pollution degree
32
Type of insulation (Between contact and coil)
Basic Insulation
Reinforced Insulation
Type of insulation (Between open contact)
Micro Disconnection
1. For cautions for use, please read
“GENERAL APPLICATION
GUIDELINES”.
2. Certification
UL/C-UL and VDE certified ratings are
displayed on the packaging box.
(On the relay, only the certification marks
are shown and not the certified ratings.
Please refer to the product specification
diagrams to see what is stamped.)
3. Maximum Applied Voltage and
Temperature Rise
Proper usage requires that the rated
voltage be impressed on the coil. Note,
however, that if a voltage greater than or
equal to the maximum applied voltage is
impressed on the coil, the coil may burn
or its layers short due to the temperature
rise. Furthermore, do not exceed the
usable ambient temperature range listed
in the catalog.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com