Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8138ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8138ARMZ
Description  Low Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8138ARMZ Datasheet HTML 1Page - Analog Devices AD8138ARMZ Datasheet HTML 2Page - Analog Devices AD8138ARMZ Datasheet HTML 3Page - Analog Devices AD8138ARMZ Datasheet HTML 4Page - Analog Devices AD8138ARMZ Datasheet HTML 5Page - Analog Devices AD8138ARMZ Datasheet HTML 6Page - Analog Devices AD8138ARMZ Datasheet HTML 7Page - Analog Devices AD8138ARMZ Datasheet HTML 8Page - Analog Devices AD8138ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8138
Rev. F | Page 5 of 24
±DIN to ±OUT SPECIFICATIONS
At 25°C, VS = 5 V, VOCM = 2.5 V, G = +1, RL, dm = 500 Ω, unless otherwise noted. Refer to Figure 39 for test setup and label descriptions. All
specifications refer to single-ended input and differential output, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.5 V p-p, CF = 0 pF
280
310
MHz
VOUT = 0.5 V p-p, CF = 1 pF
225
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.5 V p-p, CF = 0 pF
29
MHz
Large Signal Bandwidth
VOUT = 2 V p-p, CF = 0 pF
265
MHz
Slew Rate
VOUT = 2 V p-p, CF = 0 pF
950
V/μs
Settling Time
0.01%, VOUT = 2 V p-p, CF = 1 pF
16
ns
Overdrive Recovery Time
VIN = 2.5 V to 0 V step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE1
Second Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−90
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−79
dBc
VOUT = 2 V p-p, 70 MHz, RL, dm = 800 Ω
−60
dBc
Third Harmonic
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−100
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−82
dBc
VOUT = 2 V p-p, 70 MHz, RL, dm = 800 Ω
−53
dBc
IMD
20 MHz
−74
dBc
IP3
20 MHz
35
dBm
Voltage Noise (RTI)
f = 100 kHz to 40 MHz
5
nV/√Hz
Input Current Noise
f = 100 kHz to 40 MHz
2
pA/√Hz
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN– = VOCM = 0 V
−2.5
±1
+2.5
mV
TMIN to TMAX variation
±4
μV/°C
Input Bias Current
3.5
7
μA
TMIN to TMAX variation
−0.01
μA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
−0.3 to +3.2
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = 1 V
−77
−70
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output
2.9
V p-p
Output Current
95
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V
−65
dB
1 Harmonic distortion performance is equal or slightly worse with higher values of RL, dm. See Figure 17 and Figure 18 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com