Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8138ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8138ARMZ
Description  Low Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8138ARMZ Datasheet HTML 12Page - Analog Devices AD8138ARMZ Datasheet HTML 13Page - Analog Devices AD8138ARMZ Datasheet HTML 14Page - Analog Devices AD8138ARMZ Datasheet HTML 15Page - Analog Devices AD8138ARMZ Datasheet HTML 16Page - Analog Devices AD8138ARMZ Datasheet HTML 17Page - Analog Devices AD8138ARMZ Datasheet HTML 18Page - Analog Devices AD8138ARMZ Datasheet HTML 19Page - Analog Devices AD8138ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8138
Rev. F | Page 16 of 24
OPERATIONAL DESCRIPTION
DEFINITION OF TERMS
AD8138
+IN
–IN
+OUT
–OUT
CF
CF
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
RL, dm
Figure 42. Circuit Definitions
Differential voltage refers to the difference between two node
voltages. For example, the output differential voltage (or
equivalently output differential-mode voltage) is defined as
VOUT, dm = (V+OUT − V−OUT)
where V+OUT and V−OUT refer to the voltages at the +OUT and
−OUT terminals with respect to a common reference.
Common-mode voltage refers to the average of two node
voltages. The output common-mode voltage is defined as
VOUT, cm = (V+OUT + V−OUT)/2
Balance is a measure of how well differential signals are
matched in amplitude and exactly 180° apart in phase. Balance
is most easily determined by placing a well-matched resistor
divider between the differential voltage nodes and comparing
the magnitude of the signal at the divider’s midpoint with the
magnitude of the differential signal (see Figure 41). By this
definition, output balance is the magnitude of the output
common-mode voltage divided by the magnitude of the output
differential mode voltage:
dm
OUT
cm
OUT
V
V
Error
Balance
Output
,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com