Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7516 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 30 of 44
Table 13.
Bit
Function
D0
LSB of internal temperature value.
D1
Bit 1 of internal temperature value.
D2
LSB of VDD value.
D3
Bit 1 of VDD value.
External Temperature Value and Analog Input 1 to
Analog Input 4 Register LSBs (Read-Only) [Address = 0x04]
This is an 8-bit, read-only register. Bits[D2:D7] store the two
LSBs of the analog inputs AIN2 to AIN4. Bits[D0:D1] store the
two LSBs of either the external temperature value or AIN1 input
value. The type of input for D0 and D1 is selected by Bits[C1:C2]
of the Control Configuration Register 1.
D7
D6
D5
D4
D3
D2
D1
D0
A4
A4LSB
A3
A3LSB
A2
A2LSB
T/A
T/ALSB
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Table 14.
Bit
Function
D0
LSB of external temperature value or AIN1 value.
D1
Bit 1 of external temperature value or AIN1 value.
D2
LSB of AIN2 value.
D3
Bit 1 of AIN2 value.
D4
LSB of AIN3 value.
D5
Bit 1 of AIN3 value.
D6
LSB of AIN4 value.
D7
Bit 1 of AIN4 value.
VDD Value Register MSBs (Read-Only) [Address = 0x06]
This 8-bit read-only register stores the supply voltage value. The
eight MSBs of the 10-bit value are stored in this register.
D7
D6
D5
D4
D3
D2
D1
D0
V9
V8
V7
V6
V5
V4
V3
V2
x1
x1
x1
x1
x1
x1
x1
x1
1 Loaded with VDD value after power-up.
Internal Temperature Value Register MSBs (Read-Only)
[Address = 0x07]
This 8-bit read-only register stores the internal temperature value
from the internal temperature sensor in twos complement format.
The eight MSBs of the 10-bit value are stored in this register.
D7
D6
D5
D4
D3
D2
D1
D0
T9
T8
T7
T6
T5
T4
T3
T2
01
01
01
01
01
01
01
01
1 Default settings at power-up.
External Temperature Value or Analog Input AIN1
Register MSBs (Read-Only) [Address = 0x08]
This 8-bit read-only register stores, if selected, the external
temperature value or the analog input AIN1 value. Selection is
done in the Control Configuration 1 register. The external
temperature value is stored in twos complement format. The
eight MSBs of the 10-bit value are stored in this register.
D7
D6
D5
D4
D3
D2
D1
D0
T/A9
T/A8
T/A7
T/A6
T/A5
T/A4
T/A3
T/A2
01
01
01
01
01
01
01
01
1 Default settings at power-up.
AIN2 Register MSBs (Read) [Address = 0x09]
This 8-bit read register contains the eight MSBs of the AIN2
analog input voltage word. The value in this register is combined
with Bits[D2:D3] of the external temperature value and Analog
Input 1 to Analog Input 4 register LSBs, Address 0x04, to give the
full 10-bit conversion result of the analog value on the AIN2 pin.
D7
D6
D5
D4
D3
D2
D1
D0
MSB
A8
A7
A6
A5
A4
A3
A2
01
01
01
01
01
01
01
01
1 Default settings at power-up.
AIN3 Register MSBs (Read) [Address = 0x0A]
This 8-bit read register contains the eight MSBs of the AIN3
analog input voltage word. The value in this register is combined
with Bits[D4:D5] of the external temperature value and Analog
Input 1 to Analog Input 4 register LSBs, Address 0x04, to give the
full 10-bit conversion result of the analog value on the AIN3 pin.
D7
D6
D5
D4
D3
D2
D1
D0
MSB
A8
A7
A6
A5
A4
A3
A2
01
01
01
01
01
01
01
01
1 Default settings at power-up.
AIN4 Register MSBs (Read) [Address = 0x0B]
This 8-bit read register contains the eight MSBs of the AIN4
analog input voltage word. The value in this register is combined
with Bits[D6:D7] of the external temperature value and Analog
Input 1 to Analog Input 4 register LSBs, Address 0x04, to give the
full 10-bit conversion result of the analog value on the AIN4 pin.
D7
D6
D5
D4
D3
D2
D1
D0
MSB
A8
A7
A6
A5
A4
A3
A2
01
01
01
01
01
01
01
01
1 Default settings at power-up.
DAC A Register LSBs (Read/Write) [Address = 0x10]
This 8-bit read/write register contains the 4/2 LSBs of the
ADT7516/ADT7517 DAC A word, respectively. The value in
this register is combined with the value in the DAC A register
MSBs and converted to an analog voltage on the VOUT-A pin.
On power-up, the voltage output on the VOUT-A pin is 0 V.
ADT7516
D7
D6
D5
D4
D3
D2
D1
D0
B3
B2
B1
LSB
N/A
N/A
N/A
N/A
01
01
01
01
N/A
N/A
N/A
N/A
1 Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com