Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S2313 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT90S2313 Datasheet HTML 30Page - ATMEL Corporation AT90S2313 Datasheet HTML 31Page - ATMEL Corporation AT90S2313 Datasheet HTML 32Page - ATMEL Corporation AT90S2313 Datasheet HTML 33Page - ATMEL Corporation AT90S2313 Datasheet HTML 34Page - ATMEL Corporation AT90S2313 Datasheet HTML 35Page - ATMEL Corporation AT90S2313 Datasheet HTML 36Page - ATMEL Corporation AT90S2313 Datasheet HTML 37Page - ATMEL Corporation AT90S2313 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
34
AT90S2313
0839I–AVR–06/02
The Timer/Counter1 is realized as an up or up/down (in PWM mode) counter with read
and write access. If Timer/Counter1 is written to and a clock source is selected, the
Timer/Counter1 continues counting in the timer clock cycle after it is preset with the writ-
ten value.
Timer/Counter1 Output
Compare Register A –
OCR1AH and OCR1AL
The Output Compare Register is a 16-bit read/write register.
The Timer/Counter1 Output Compare Register contains the data to be continuously
compared with Timer/Counter1. Actions on compare matches are specified in the
Timer/Counter1 Control and Status Registers.
Since the Output Compare Register (OCR1A) is a 16-bit register, a temporary register
TEMP is used when OCR1A is written to ensure that both bytes are updated simulta-
neously. When the CPU writes the high byte, OCR1AH, the data is temporarily stored in
the TEMP Register. When the CPU writes the low byte, OCR1AL, the TEMP Register is
simultaneously written to OCR1AH. Consequently, the high byte OCR1AH must be writ-
ten first for a full 16-bit register write operation.
The TEMP Register is also used when accessing TCNT1, and ICR1. If the main pro-
gram and interrupt routines perform access to registers using TEMP, interrupts must be
disabled during access from the main program or interrupts if interrupts are re-enabled.
Timer/Counter1 Input Capture
Register – ICR1H and ICR1L
The Input Capture Register is a 16-bit read-only register.
When the rising or falling edge (according to the input capture edge setting [ICES1]) of
the signal at the input capture pin (ICP) is detected, the current value of the
Timer/Counter1 is transferred to the Input Capture Register (ICR1). At the same time,
the Input Capture Flag (ICF1) is set (one).
Since the Input Capture Register (ICR1) is a 16-bit register, a temporary register TEMP
is used when ICR1 is read to ensure that both bytes are read simultaneously. When the
CPU reads the low byte ICR1L, the data is sent to the CPU and the data of the high byte
ICR1H is placed in the TEMP Register. When the CPU reads the data in the high byte
ICR1H, the CPU receives the data in the TEMP Register. Consequently, the low byte
ICR1L must be accessed first for a full 16-bit register read operation.
Bit
15141312
1110
9
8
$2B ($4B)
MSB
OCR1AH
$2A ($4A)
LSB
OCR1AL
76543
210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000
000
00000
000
Bit
15141312
1110
9
8
$25 ($45)
MSB
ICR1H
$24 ($44)
LSB
ICR1L
76543
210
Read/Write
R
R
RRRRRR
RR
RRRRRR
Initial value
00000
000
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com