Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S2313 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90S2313
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S2313 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90S2313 Datasheet HTML 35Page - ATMEL Corporation AT90S2313 Datasheet HTML 36Page - ATMEL Corporation AT90S2313 Datasheet HTML 37Page - ATMEL Corporation AT90S2313 Datasheet HTML 38Page - ATMEL Corporation AT90S2313 Datasheet HTML 39Page - ATMEL Corporation AT90S2313 Datasheet HTML 40Page - ATMEL Corporation AT90S2313 Datasheet HTML 41Page - ATMEL Corporation AT90S2313 Datasheet HTML 42Page - ATMEL Corporation AT90S2313 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
39
AT90S2313
0839I–AVR–06/02
EEPROM Read/Write
Access
The EEPROM Access Registers are accessible in the I/O space.
The write access time is in the range of 2.5 - 4 ms, depending on the VCC voltages. A
self-timing function, however, lets the user software detect when the next byte can be
written. If the user code contains code that writes the EEPROM, some precaution must
be taken. In heavily filtered power supplies, VCC is likely to rise or fall slowly on Power-
up/down. This causes the device for some period of time to run at a voltage lower than
specified as minimum for the clock frequency used. CPU operation under these condi-
tions may cause the Program Counter to perform unintentional jumps and eventually
execute the EEPROM write code. To secure EEPROM integrity, the user is advised to
use an external under-voltage reset circuit in this case.
In order to prevent unintentional EEPROM writes, a specific write procedure must be fol-
lowed. Refer to the description of the EEPROM Control Register for details on this.
When the EEPROM is written, the CPU is halted for two clock cycles before the next
instruction is executed. When the EEPROM is read, the CPU is halted for four clock
cycles before the next instruction is executed.
EEPROM Address Register –
EEAR
• Bit 7 – Res: Reserved Bit
This bit is a reserved bit in the AT90S2313 and will always read as zero.
• Bit 6..0 – EEAR6..0: EEPROM Address
The EEPROM Address Register (EEAR6..0) specifies the EEPROM address in the 128
bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and
127.
EEPROM Data Register –
EEDR
• Bit 7..0 – EEDR7..0: EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to
the EEPROM in the address given by the EEAR Register. For the EEPROM read oper-
ation, the EEDR contains the data read out from the EEPROM at the address given by
EEAR.
Bit
7654
3210
$1E ($3E)
–
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEAR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0000
Bit
7654
3210
$1D ($3D)
MSB
LSB
EEDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com