Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS101 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 6 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS101 Series
6
■ ELECTRICAL CHARACTERISTICS
• Single power supply : VDD = 1.2 V
(VDD
= 1.2 V ± 0.1 V, VSS = 0 V, Tj = − 40 °C to +125 °C)
• Dual power supply : VDDE = 2.5 V, VDDI = 1.2 V
(VDDE
= 2.5 V ± 0.2 V, VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = − 40 °C to + 125 °C)
• Dual power supply : VDDE = 3.3 V, VDDI = 1.2 V
(VDDE
= 3.3 V ± 0.3 V, VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = − 40 °C to + 125 °C)
* : The input leakage current may exceed the above value when an input buffer with pull-up or pull-down resistor is
used.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
H level output voltage
VOH
IOH
= − 100 µAVDD − 0.1
⎯
VDD
V
L level output voltage
VOL
IOL
= 100 µA0
⎯
0.1
V
Input leakage current
IL
⎯⎯
⎯
⎯
µA
Pull-up/Pull-down
resistor
RP
VIL
= 0 at pull-up
VIH
= VDD at pull-down
⎯
12
(Target value)
⎯
k
Ω
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
H level output voltage
VOH3
2.5 V output, IOH
= − 100 µAVDDE − 0.2
⎯
VDDE
V
VOH2
1.2 V output, IOH
= − 100 µAVDDI − 0.1
⎯
VDDI
V
L level output voltage
VOL3
2.5 V output, IOL
= 100 µA0
⎯
0.2
V
VOL2
1.2 V output, IOL
= 100 µA0
⎯
0.1
V
Input leakage current
IL
⎯⎯
⎯
⎯
µA
pull-up/Pull-down
resistor
RP
2.5 V,
VIL = 0 at pull-up/
VIH = VDDE at pull-down
⎯
25
⎯
k
Ω
1.2 V,
VIL = 0 at pull-up/
VIH = VDDI at pull-down
⎯
12
⎯
k
Ω
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
H level output voltage
VOH3
3.3 V, IOH
= − 100 µAVDDE − 0.2
⎯
VDDE
V
VOH2
1.2 V, IOH
= − 100 µAVDDI − 0.1
⎯
VDDI
V
L level output voltage
VOL3
3.3 V, IOL
= 100 µA0
⎯
0.2
V
VOL2
1.2 V, IOL
= 100 µA0
⎯
0.1
V
Input leakage current*
IL
⎯⎯
⎯
± 4
µA
pull-up/Pull-down
resistor
RP
3.3 V,
VIL = 0 at pull-up/
VIH = VDDE at pull-down
15
33
70
k
Ω
1.2 V,
VIL = 0 at pull-up/
VIH = VDDE at pull-down
⎯
12
⎯
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com