Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS101 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 1 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS06-20210-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Semicustom
CMOS
Standard Cell
CS101 Series
■ DESCRIPTION
CS101 series, a 90 nm standard cell product, is a CMOS ASIC that satisfies user’s demands for lower power
consumption and higher speed. The leakage current of the transistors is the minimum level in the industry. Three
types of core transistors with a different threshold voltage can be mixed according to user application.
The design rules match industry standards, and a wide range of IP macros are available for use.
As well as providing a maximum of 100 million gates, approximately twice the level of integration achieved in
previous products, the power consumption per gate is also reduced by about half to 2.7 nW. Also, using the high-
speed library increases the speed by a factor of approximately 1.3, with a gate delay time of 12 ps.
■ FEATURES
• Technology
: 90 nm Si gate CMOS
7- to 10-metal layers.
Low-K (low permittivity) material is used for all dielectric inter-layers.
Three different types of core transistors (low leak, standard, and high speed)
can be used on the same chip.
The design rules comply with industry standard processes.
• Power supply voltage
:
+1.2 V ± 0.1 V (standard)
• Operation junction temperature :
− 40 °C to + 125 °C (standard)
• Gate delay time
: tpd
= 12 ps (1.2 V, Inverter, F/O = 1)
• Gate power consumption
: Pd
= 2.7 nW/MHz/BC (1.2 V, 2 NAND, F/O = 1)
• High level of integration
: Up to 91 million gates
• Reduced chip sized realized by I/O with pad.
• Support for a wide range of cell sets (from low power versions to ultra high speed versions).
• Compliance with industry standard design rules enables non-Fujitsu commercial macros to be easily incorpo-
rated.
• Compiled cell (RAM, ROM, others)
• Support for ultra high speed (up to 10 Gbps) interface macros.
• Special interfaces (LVDS, SSTL2, etc.)
• Supports use of industry standard libraries (.LIB).
• Uses industry standard tools and supports the optimum tools for the application.
(Continued)


Similar Part No. - CS101

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
88Kb / 12P
Standard Cell
logo
SynQor Worldwide Headqu...
CS101 SYNQOR-CS101 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
logo
Lumileds Lighting Compa...
CS101 LUMILEDS-CS101 Datasheet
2Mb / 3P
New Rijksmuseum is largest gallery space ever lit by LEDs
logo
DFI Inc
CS101-C246 DFI-CS101-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
CS101-Q370 DFI-CS101-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
More results

Similar Description - CS101

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
Semicustom CMOS Standard Cell
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
CS401 FUJITSU-CS401 Datasheet
56Kb / 8P
Standard Cell CS401 Series
logo
Epson Company
S1K50000 EPSON-S1K50000 Datasheet
1Mb / 130P
Standard-Cell Development Flow
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
STANDARD CELL / EMBEDDED ARRAY
logo
Aeroflex Circuit Techno...
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
Hardened-by-Design (HBD) Standard Cell
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com