Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA406_0607 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATMEGA406_0607
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 20Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 21Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 22Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 23Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 24Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 25Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 26Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 27Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 263 page
background image
24
2548E–AVR–07/06
ATmega406
6.4
I/O Memory
The I/O space definition of the ATmega406 is shown in ”Register Summary” on page 236.
All ATmega406 I/Os and peripherals are placed in the I/O space. All I/O locations may be
accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32
general purpose working registers and the I/O space. I/O Registers within the address range
0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the
value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the
instruction set section for more details. When using the I/O specific commands IN and OUT, the
I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using
LD and ST instructions, 0x20 must be added to these addresses. The ATmega406 is a complex
microcontroller with more peripheral units than can be supported within the 64 location reserved
in Opcode for the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in
SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the status flags are cleared by writing a logical one to them. Note that, unlike most other
AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be
used on registers containing such status flags. The CBI and SBI instructions work with registers
0x00 to 0x1F only.
The I/O and peripherals control registers are explained in later sections.
6.4.1
General Purpose I/O Registers
The ATmega406 contains three General Purpose I/O Registers. These registers can be used for
storing any information, and they are particularly useful for storing global variables and Status
Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are directly bit-
accessible using the SBI, CBI, SBIS, and SBIC instructions.
6.4.2
GPIOR2 – General Purpose I/O Register 2
6.4.3
GPIOR1 – General Purpose I/O Register 1
6.4.4
GPIOR0 – General Purpose I/O Register 0
Bit
76543210
0x2B (0x4B)
MSB
LSB
GPIOR2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Bit
7654
321
0
0x2A (0x4A)
MSB
LSB
GPIOR1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
0x1E (0x3E)
MSB
LSB
GPIOR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com