Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA406_0607 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATMEGA406_0607
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 22Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 23Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 24Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 25Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 26Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 27Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 28Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 29Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 263 page
background image
26
2548E–AVR–07/06
ATmega406
7.1.5
Voltage ADC Clock – clk
VADC
The Voltage ADC is provided with a dedicated clock domain. This allows halting the CPU and
I/O clocks in order to reduce noise generated by digital circuitry. This gives more accurate ADC
conversion results.
7.1.6
Coulomb Counter ADC Clock - clk
CCADC
The Coulomb Counter ADC is provided with a dedicated clock domain. This allows operating the
Coulomb Counter ADC in low power modes like Power-save for continuous current
measurements.
7.1.7
Watchdog Timer and Battery Protection Clock
The Watchdog Timer and Battery Protection are provided with a dedicated clock domain. This
allows operation in all modes except Power-off. It also allows very low power operation by utiliz-
ing an Ultra Low Power RC Oscillator dedicated to this purpose.
7.2
Clock Sources
The device has the following clock sources. The clocks are input to the AVR clock generator,
and routed to the appropriate modules.
7.3
Calibrated Fast RC Oscillator
The calibrated Fast RC Oscillator by default provides a 4.0 MHz clock, which is divided down to
1.0 MHz to all modules except the TWI. The frequency is nominal value at 25
°C. This clock will
operate with no external components. During reset, hardware loads the calibration byte into the
FOSCCAL Register and thereby automatically calibrates the Fast RC Oscillator. At 25
°C, this
calibration gives a frequency of 4 MHz ± 3%. The oscillator can be calibrated to any frequency in
the range 3.7 - 4.0 MHz within ±1% accuracy, by changing the FOSCCAL register. For more
information on the pre-programmed calibration value, see the section ”Calibration Bytes” on
page 198.
The start-up times for the Fast RC Oscillator are determined by the SUT Fuses as shown in
Table 7-1 on page 26.
Note:
1. The device is shipped with this option selected.
Table 7-1.
Start-up times for the internal calibrated RC Oscillator clock selection
SUT1:0
Start-up Time from Power-down
and Power-save
Additional Delay from Reset
00
6 CK
14CK
01
6 CK
14CK + 4.1 ms
10
6 CK
14CK + 65 ms(1)
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com