Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA406 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATMEGA406
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATMEGA406 Datasheet HTML 45Page - ATMEL Corporation ATMEGA406 Datasheet HTML 46Page - ATMEL Corporation ATMEGA406 Datasheet HTML 47Page - ATMEL Corporation ATMEGA406 Datasheet HTML 48Page - ATMEL Corporation ATMEGA406 Datasheet HTML 49Page - ATMEL Corporation ATMEGA406 Datasheet HTML 50Page - ATMEL Corporation ATMEGA406 Datasheet HTML 51Page - ATMEL Corporation ATMEGA406 Datasheet HTML 52Page - ATMEL Corporation ATMEGA406 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 263 page
background image
49
2548E–AVR–07/06
ATmega406
10. Wake-up Timer
The following section describes the Wake-up Timer in the ATmega406.
• One Wake-up Timer Interrupt
• 8 Selectable Time-out Periods
• Separate Wake-up Timer Calibration Flag
• Separate Clock Source
10.1
Overview
The Wake-up Timer is clocked either from the Slow RC Oscillator or from the external 32 kHz
crystal oscillator. See ”Run-Time Clock Source Select” on page 28 for details. By controlling the
Wake-up Timer prescaler, the Wake-up interval can be adjusted from 31.25 ms to 4 s. Eight dif-
ferent clock cycle periods can be selected to determine the Time-out period.
Figure 10-1. Wake-up Timer
10.2
Register Description
10.2.1
WUTCSR – Wake-up Timer Control and Status Register
• Bit 7 – WUTIF: Wake-up Timer Interrupt Flag
The WUTIF bit is set (one) when an overflow occurs in the Wake-up Timer. WUTIF is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively, WUTIF is
cleared by writing a logic one to the flag. When the SREG I-bit, WUTIE (Wake-up Timer Interrupt
Enable), and WUTIF are set (one), the Wake-up Timer interrupt is executed.
SLOW RC
OSCILLATOR
WAKE-UP
WUTR
WUTP0
WUTP1
WUTP2
WUTE
WUTIF
WUTCF
32 kHz
OSCILLATOR
1/4
PRESCALER
clk
WUT
Bit
7
65
4
321
0
(0x62)
WUTIF
WUTIE
WUTCF
WUTR
WUTE
WUTP2
WUTP1
WUTP0
WUTCSR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com