Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA406 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA406
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA406 Datasheet HTML 1Page - ATMEL Corporation ATMEGA406 Datasheet HTML 2Page - ATMEL Corporation ATMEGA406 Datasheet HTML 3Page - ATMEL Corporation ATMEGA406 Datasheet HTML 4Page - ATMEL Corporation ATMEGA406 Datasheet HTML 5Page - ATMEL Corporation ATMEGA406 Datasheet HTML 6Page - ATMEL Corporation ATMEGA406 Datasheet HTML 7Page - ATMEL Corporation ATMEGA406 Datasheet HTML 8Page - ATMEL Corporation ATMEGA406 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 263 page
background image
5
2548E–AVR–07/06
ATmega406
2.2
Pin Descriptions
2.2.1
VFET
High voltage supply pin. This pin is used as supply for the internal voltage regulator, described in
”Voltage Regulator” on page 114. In addition the voltage level on this pin is monitored by the bat-
tery protection circuit, for deep-under-voltage protection. For details, see ”Battery Protection” on
page 125.
2.2.2
VCC
Digital supply voltage. Normally connected to VREG.
2.2.3
VREG
Output from the internal Voltage Regulator. Used for external decoupling to ensure stable regu-
lator operation. For details, see ”Voltage Regulator” on page 114.
2.2.4
VREF
Internal Voltage Reference for external decoupling. For details, see ”Voltage Reference and
Temperature Sensor” on page 121.
2.2.5
VREFGND
Ground for decoupling of Internal Voltage Reference. For details, see ”Voltage Reference and
Temperature Sensor” on page 121.
2.2.6
GND
Ground
2.2.7
SGND
Signal ground pin, used as reference for Voltage-ADC conversions. For details, see ”Voltage
ADC – 10-channel General Purpose 12-bit Sigma-Delta ADC” on page 116.
2.2.8
Port A (PA7:PA0)
PA3:PA0 serves as the analog inputs to the Voltage A/D Converter.
Port A also serves as a low-voltage 8-bit bi-directional I/O port with internal pull-up resistors
(selected for each bit). As inputs, Port A pins that are externally pulled low will source current if
the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes
active, even if the clock is not running.
Port A also serves the functions of various special features of the ATmega406 as listed in ”Alter-
nate Functions of Port A” on page 68.
2.2.9
Port B (PB7:PB0)
Port B is a low-voltage 8-bit bi-directional I/O port with internal pull-up resistors (selected for
each bit). As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the ATmega406 as listed in ”Alter-
nate Functions of Port B” on page 70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com