Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355M-AC Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 86Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 87Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 88Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 89Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 90Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 91Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 92Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 93Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 115 page
background image
90
AT43USB355
2603G–USB–04/06
USB Hub
The hub in a USB system provides for the electrical interface between USB devices and the
host. The major functions that the hub must supports are:
•
Connectivity
•
Power management
•
Device connect and disconnect
•
Bus fault detection and recovery
•
Full speed and low speed device support
A hub consists of two major components: a hub repeater and a hub controller. The hub
repeater is responsible for:
•
Providing upstream connectivity between the selected device and the Host
•
Managing connectivity setup and tear-down
•
Handling bus fault detection and recovery
•
Detecting connect/disconnect on each port
The Hub Controller is responsible for:
•
Hub enumeration
•
Providing configuration information to the host
•
Providing status of each port to the host
•
Controlling each port per host command
The first two tasks of the Hub Controller are similar to that of a USB function and will not be
described in detail in the following section. The descriptions will cover the features of the
AT43USB355's hub and how to program it to make a USB-compliant hub.
Control transactions for the Hub Control End-point proceed exactly the same way as those
described for the embedded function. The operation of the hub's End-point 1 is fully imple-
mented in the hardware and does not need any firmware support. Any status changes within
the Hub will automatically update Hub End-point 1, which will be sent to the host at the next IN
token that is addressed to it. If no change has occurred, the interrupt end-point will respond
with a NAK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com