Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355M-AC Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 57Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 58Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 59Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 60Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 61Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 62Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 63Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 64Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 115 page
background image
61
AT43USB355
2603G–USB–04/06
The successive approximation circuitry requires an input clock frequency between 15 kHz and
1 MHz to achieve maximum resolution. If a resolution of 10 bits is required, the input clock fre-
quency to the ADC must be lower than 500 kHz to achieve a higher accuracy. See “ADC
Characteristics” on page 66 for more details. The ADC module contains a prescaler, which
divides the CK of 2 MHz clock input, to an acceptable ADC clock frequency.
The ADPS[0:2] bits in ADCSR are used to generate a proper ADC clock input frequency from
15.6 kHz to 1.0 MHz. The prescaler starts counting from the moment the ADC is switched on
by setting the ADEN bit in ADCSR. The prescaler keeps running for as long as the ADEN bit is
set and is continuously reset when ADEN is low.
When initiating a conversion by setting the ADSC bit in ADCSR, the conversion starts at the
following rising edge of the ADC clock cycle.
A normal conversion takes 12 ADC clock cycles. In certain situations, the ADC needs more
clock cycles for initialization and to minimize offset errors. Extended conversions take 25 ADC
clock cycles and occur as the first conversion after the ADC is switched on (ADEN in ADCSR
is set).
The actual sample-and-hold takes place 1.5 ADC clock cycles after the start of a conversion.
When a conversion is complete, the result is written to the ADC data registers and ADIF is set.
In Single Conversion Mode, ADSC is cleared simultaneously. The software may then set
ADSC again and a new conversion will be initiated on the first rising ADC clock edge. In Free
Running Mode, a new conversion will be started immediately after the conversion completes,
while ADSC remains high. Using Free Running Mode and an ADC clock frequency of 1 MHz
gives the lowest conversion time with a maximum resolution, 12 µs, equivalent to 83 kSPS.
For a summary of conversion times, see Table 21.
Figure 24. ADC Timing Diagram, Extended Conversion (Single Conversion Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com