Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355M-AC Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 107Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 108Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 109Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 110Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 111Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 112Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 113Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 114Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 115Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 113 / 115 page
background image
113
AT43USB355
2603G–USB–04/06
Errata Sheet
Errata (All Date Codes): Missed Watchdog Timer Reset
Problem
There is a synchronization problem between the watchdog clock and the AVR clock. Even
though the clock inputs to both the watchdog timer and the AVR core are generated through
the same crystal, the two clock sources are not going through the same PLL. The AVR is
clocked at 12 MHz and the watchdog timer is clocked at 1MHz. The WDR (Watchdog Reset)
instruction is a one-clock-cycle instruction. As such, when a watchdog timer reset occurs due
to a WDR, the watchdog timer may miss the reset. This happens frequently if the AVR is
clocked much faster than the watchdog timer.
Fix/Workaround
A workaround is to invoke the WDR repetitively to ensure that the watchdog timer will be able
to receive the reset signal. If the AVR runs at 12 MHz, the WDR command must be invoked
fourteen times back to back.
The following is the sample code for resetting and arming the watchdog timer, assuming the
AVR is running at 12 MHz:
asm ( "ldi r16,15\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n WDR\n
WDR\n WDR\n WDR\n WDR\n out 0x21,r16 " );
To disarm and disable the watchdog, do the following:
asm ( "ldi r16,0x18\nldi r17,0x10\n\n out 0x21,r16\n out 0x21,r17 " );
Please note that if the AVR runs at 24 MHz, the WDR should be invoked twenty-six times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com