Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D-SSU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT45DB021D-SSU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SSU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT45DB021D-SSU Datasheet HTML 25Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 26Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 27Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 28Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 29Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 30Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 31Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 32Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
29
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
Note:
1. These legacy commands are not recommended for new designs.
Table 15-3.
Protection and Security Commands
Command
Opcode
Enable Sector Protection
3DH + 2AH + 7FH + A9H
Disable Sector Protection
3DH + 2AH + 7FH + 9AH
Erase Sector Protection Register
3DH + 2AH + 7FH + CFH
Program Sector Protection Register
3DH + 2AH + 7FH + FCH
Read Sector Protection Register
32H
Sector Lockdown
3DH + 2AH + 7FH + 30H
Read Sector Lockdown Register
35H
Program Security Register
9BH + 00H + 00H + 00H
Read Security Register
77H
Table 15-4.
Additional Commands
Command
Opcode
Main Memory Page to Buffer Transfer
53H
Main Memory Page to Buffer Compare
60H
Auto Page Rewrite through Buffer
58H
Deep Power-down
B9H
Resume from Deep Power-down
ABH
Status Register Read
D7H
Manufacturer and Device ID Read
9FH
Table 15-5.
Legacy Commands(1)
Command
Opcode
Buffer Read
54H
Main Memory Page Read
52H
Continuous Array Read
68H
Status Register Read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com