Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D-SSU Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT45DB021D-SSU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SSU Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT45DB021D-SSU Datasheet HTML 31Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 32Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 33Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 34Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 35Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 36Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 37Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 38Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
19. Input Test Waveforms and Measurement Levels
tR, tF < 2 ns (10% to 90%)
20. Output Test Load
21. AC Waveforms
Six different timing waveforms are shown on page 36. Waveform 1 shows the SCK signal being
low when CS makes a high-to-low transition, and waveform 2 shows the SCK signal being high
when CS makes a high-to-low transition. In both cases, output SO becomes valid while the
SCK signal is still low (SCK low time is specified as t
WL). Timing waveforms 1 and 2 conform to
RapidS serial interface but for frequencies up to 66 MHz. Waveforms 1 and 2 are compatible
with SPI Mode 0 and SPI Mode 3, respectively.
Waveform 3 and waveform 4 illustrate general timing diagram for RapidS serial interface. These
are similar to waveform 1 and waveform 2, except that output SO is not restricted to become
valid during the t
WL period. These timing waveforms are valid over the full frequency range (max-
imum frequency = 66 MHz) of the RapidS serial case.
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.45V
1.5V
2.4V
DEVICE
UNDER
TEST
30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com