Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RC2-3CSIM Datasheet(PDF) 91 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button T89C51RC2-3CSIM Datasheet HTML 87Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 88Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 89Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 90Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 91Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 92Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 93Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 94Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
91
T89C51RB2/RC2
4105D–8051–10/06
Flash EEPROM Programming
and Verification Waveforms
Figure 41. Flash EEPROM Programming and Verification Waveforms
External Clock Drive
Characteristics (XTAL1)
Table 69. External Clock Drive Characteristics (XTAL1)
External Clock Drive
Waveforms
Figure 42. External Clock Drive Waveforms
AC Testing Input/Output
Waveforms
Figure 43. AC Testing Input/Output Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic “1” and 0.45V for a logic “0”.
Timing measurement are made at VIH min. for a logic “1” and VIL max for a logic “0”.
T
EHAZ
ALE/PROG
T
AVGL
TDVGL
P0
P1.0-P1.7
P2.0-P2.4
P3.4-P3.5
CONTROL
SIGNALS
(ENABLE)
ADDRESS
DATA IN
T
GHAX
T
GHDX
T
GLGH
ADDRESS
DATA OUT
TAVQV
TELQV
TEHQZ
PROGRAMMING
VERIFICATION
Symbol
Parameter
Min
Max
Units
T
CLCL
Oscillator Period
25
ns
T
CHCX
High Time
3
ns
T
CLCX
Low Time
3
ns
T
CLCH
Rise Time
3
ns
T
CHCL
Fall Time
3
ns
T
CHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
VCC-0.5V
0.45V
0.7VCC
0.2VCC-0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
INPUT/OUTPUT
0.2 VCC + 0.9
0.2 V
CC - 0.1
VCC -0.5V
0.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com