Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RC2-3CSIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51RC2-3CSIM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RC2-3CSIM Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51RC2-3CSIM Datasheet HTML 1Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 2Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 3Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 4Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 5Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 6Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 7Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 8Page - ATMEL Corporation T89C51RC2-3CSIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
Rev. 4105D–8051–10/06
1
Features
• 80C52 Compatible
– 8051 Pin and Instruction Compatible
– Four 8-bit I/O Ports
– Three 16-bit timer/counters
– 256 Bytes Scratch Pad RAM
– 10 Interrupt Sources with 4 Priority Levels
– Dual Data Pointer
• Variable Length MOVX for slow RAM/Peripherals
• ISP (In-System Programming) using Standard V
CC Power Supply
• Boot ROM Contains Low Level FLASH Programming Routines and a Default Serial
Loader
• High-Speed Architecture
– 40 MHz in Standard Mode
– 20 MHz in X2 Mode (6 clocks/machine cycle)
• 16K/32K Bytes on-chip FLASH Program/Data Memory
– Byte and Page (128 Bytes) Erase and Write
– 10k Write Cycles
• On-chip 1024 Bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024 bytes)
– 256 Bytes Selected at Reset for TS87C51RB2/RC2 Compatibility
• Keyboard Interrupt Interface on port P1
• SPI Interface (Master / Slave Mode)
• 8-bit Clock Prescaler
• Improved X2 Mode with Independent Selection for CPU and each Peripheral
• Programmable Counter Array 5 Channels with:
– High Speed Output
– Compare / Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
• Asynchronous Port Reset
• Full Duplex Enhanced UART
• Dedicated Baud Rate Generator for UART
• Low EMI (Inhibit ALE)
• Hardware Watchdog Timer (One-time enabled with Reset-Out)
• Power Control Modes:
– Idle Mode
– Power-down mode
– Power-off Flag
• Power supply: 4.5 to 5.5V or 2.7 to 3.6V
• Temperature ranges: Commercial (0 to +70
°C) and Industrial (-40°C to +85°C)
• Packages: PDIL40, PLCC44, VQFP44
Description
T89C51RB2/RC2 is a high-performance FLASH version of the 80C51 8-bit microcon-
trollers. It contains a 16K or 32K byte Flash memory block for program and data.
The Flash memory can be programmed either in parallel mode or in serial mode with
the ISP capability or with software. The programming voltage is internally generated
from the standard V
CC pin.
The T89C51RB2/RC2 retains all features of the 80C52 with 256 bytes of internal
RAM, a 7-source 4-level interrupt controller and three timer/counters.
In addition, the T89C51RB2/RC2 has a Programmable Counter Array, an XRAM of
1024 bytes, a Hardware Watchdog Timer, a Keyboard Interface, an SPI Interface,
8-bit
Microcontroller
with 16K/
32K byte Flash
T89C51RB2
T89C51RC2
Preliminary


Similar Part No. - T89C51RC2-3CSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2-3CSIM ATMEL-T89C51RC2-3CSIM Datasheet
251Kb / 9P
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
More results

Similar Description - T89C51RC2-3CSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
8-bit Microcontroller with 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
8-bit Microcontroller with 32K Bytes Flash
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
Microcontroller with 16K/32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB Datasheet
389Kb / 20P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
8-bit Microcontroller with 16K/ 32K Bytes Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_09 Datasheet
476Kb / 22P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_1 Datasheet
4Mb / 273P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
ATMEGA16HVB ATMEL-ATMEGA16HVB_10 Datasheet
462Kb / 21P
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
8-bit Microcontroller with 16K/ 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com