| Electronic Components Datasheet Search |
|
USB20H04-JD Datasheet(PDF) 19 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB20H04-JD Datasheet(HTML) 19 Page - SMSC Corporation |
|
19 / 35 page ![]() 4-Port USB 2.0 Controller Datasheet SMSC USB20H04 Page 19 Revision 1.63 (03-30-07) DATASHEET Each port’s indicator must be located in a position that obviously associates the indicator with the port. The color and state of the LED is used to provide status information to the user. Two different modes of operation are supported for the port indicators: automatic mode and manual mode. The USB20H04 defaults to automatic mode upon power-up. In automatic mode, the USB20H04 controls the color of the indicator LED as described in Table 7.1 - Automatic Mode Port Indicators. Table 7.1 - Automatic Mode Port Indicators COLOR DEFINITION Off Disconnected, Disabled, Not Configured, Resetting, Testing, Suspending, or Resuming Amber Over Current Condition Green Enabled, Transmit, or TransmitR In manual mode, the host controls the color and state of the indicator LED by sending a command to the USB20H04 to put the LED in a particular state. This is described in Table 7.2 - Manual Mode Port Indicators. Table 7.2 - Manual Mode Port Indicators COLOR DEFINITION Off Not Operational Amber Error Condition Green Fully Operational Blinking Off/Green Software Attention Blinking Off/Amber Hardware Attention The USB20H04 can be configured to either support or not support port indicators. If port indicators are not included in the hub design, disable this feature in the configuration. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |